Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSM032N08 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # KSM032N08
Description  N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM032N08 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  KSM032N08 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM032N08 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM032N08 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM032N08 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM032N08 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM032N08 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSM032N08 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC = 25
oC unless otherwise noted
Electrical Characteristics
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
KSM032N08
KSM032N08
TO-220
-
-
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V, TC = 25
oC75
-
-
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25
oC
-
0.05
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 75V, VGS = 0V
-
-
1
µA
VDS = 75V, TC = 150
oC
-
-
500
IGSS
Gate to Body Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250µA2.5
3.5
4.5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 75A
-
2.5
3.2
m
gFS
Forward Transconductance
VDS = 10V, ID = 75A
(Note 4)
-
180
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
11400
15160
pF
Coss
Output Capacitance
-
1360
1810
pF
Crss
Reverse Transfer Capacitance
-
595
800
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 60V, ID = 75A
VGS = 10V
(Note 4, 5)
-
169
220
nC
Qgs
Gate to Source Gate Charge
-
60
-
nC
Qgd
Gate to Drain “Miller” Charge
-
47
-
nC
td(on)
Turn-On Delay Time
VDD = 37.5V, ID = 75A
RGEN = 25Ω, VGS = 10V
(Note 4, 5)
-
230
470
ns
tr
Turn-On Rise Time
-
191
392
ns
td(off)
Turn-Off Delay Time
-
335
680
ns
tf
Turn-Off Fall Time
-
121
252
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
235
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
940
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 75A
-
-
1.3
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 75A
dIF/dt = 100A/µs
(Note 4)
-53
-
ns
Qrr
Reverse Recovery Charge
-
77
-
nC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 0.71mH, IAS = 75A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 75A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Package Marking and Ordering Information
KSM032N08
2014-7-2
2
www.kersemi.com


Similar Part No. - KSM032N08

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM038AN06A0 KERSEMI-KSM038AN06A0 Datasheet
1Mb / 9P
   Motor / Body Load Control
More results

Similar Description - KSM032N08

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com