Electronic Components Datasheet Search |
|
SMART500RT1U Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved |
|
SMART500RT1U Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved |
2 / 5 page PowerAlert UPS monitoring software enables detailed site power and UPS status updates with support for unattended shutdown of connected systems as UPS batteries become depleted Supports detailed monitoring of equipment load levels,self-test data, and utility power condition via built-in RS-232 and USB interfaces Optional SNMPWEBCARD offers communications and control via secure remote web and network interfaces Supports Tripp Lite's WatchDog software application to restore operation to locked equipment through soft reboot of application, OS or hard power off/on reboot of connected equipment - ideal for unattended kiosk applications (requires optional WATCHDOGSW) Emergency Power Off (EPO) interface with cable Multi-function audible alarms and set of 5 front panel LEDs Network-grade AC surge suppression Field-replaceable, hot-swappable internal UPS batteries Specifications OUTPUT Output Volt Amp Capacity (VA) 500 Output Watt Capacity (Watts) 300 Power Factor 0.6 Nominal Output Voltage(s) Supported 120V Frequency Compatibility 60 Hz Output Voltage Regulation (Line Mode) -15%, +13% Output Voltage Regulation (Battery Mode) +/- 5% Output Receptacles (6) 5-15R UPS Output Receptacles (Surge Suppression Only) 6 UPS outlets, 1 surge-only outlets Load Management Receptacles One switchable single-outlet 5-15R load bank Output AC Waveform (AC Mode) Sine wave Output AC Waveform (Battery Mode) PWM sine wave INPUT Rated input current (Maximum Load) 5.6A Nominal Input Voltage(s) Supported 120V AC UPS Input Connection Type 5-15P Input Circuit Breakers 15A UPS Input Cord Length (ft.) 10 UPS Input Cord Length (m) 4.5 Recommended Electrical Service 15A 120V 2 / 5 |
Similar Part No. - SMART500RT1U_15 |
|
Similar Description - SMART500RT1U_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |