Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N0300N Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # N0300N
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0300N Datasheet(HTML) 4 Page - Renesas Technology Corp

  N0300N_15 Datasheet HTML 1Page - Renesas Technology Corp N0300N_15 Datasheet HTML 2Page - Renesas Technology Corp N0300N_15 Datasheet HTML 3Page - Renesas Technology Corp N0300N_15 Datasheet HTML 4Page - Renesas Technology Corp N0300N_15 Datasheet HTML 5Page - Renesas Technology Corp N0300N_15 Datasheet HTML 6Page - Renesas Technology Corp N0300N_15 Datasheet HTML 7Page - Renesas Technology Corp N0300N_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D19781EJ1V0DS
2
N0300N
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
μA
Gate Leakage Current
IGSS
VGS =
±16 V, VDS = 0 V
±10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1.0 mA
1.0
2.5
V
Forward Transfer Admittance
Note
| yfs |
VDS = 10 V, ID = 2.0 A
1.0
S
RDS(on)1
VGS = 10 V, ID = 2.0 A
38
50
m
Ω
Drain to Source On-state Resistance
Note
RDS(on)2
VGS = 4.5 V, ID = 2.0 A
48
83
m
Ω
Input Capacitance
Ciss
VDS = 10 V,
350
pF
Output Capacitance
Coss
VGS = 0 V,
65
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
30
pF
Turn-on Delay Time
td(on)
VDD = 15 V, ID = 2.0 A,
6.5
ns
Rise Time
tr
VGS = 10 V,
3.0
ns
Turn-off Delay Time
td(off)
RG = 6
Ω
16.5
ns
Fall Time
tf
3.0
ns
Total Gate Charge
QG
VDD = 24 V, VGS = 10 V, ID = 4.5 A
7.4
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 4.5 A, VGS = 0 V
0.9
V
Note Pulsed
TEST CIRCUIT SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
ID
Wave Form
VGS
10%
90%
VGS
10%
0
ID
90%
90%
td(on)
tr
td(off)
tf
10%
τ
ID
0
ton
toff


Similar Part No. - N0300N_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0300N-T1B-AT RENESAS-N0300N-T1B-AT Datasheet
259Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
N0300N-T1B-AT VBSEMI-N0300N-T1B-AT Datasheet
488Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - N0300N_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com