Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8179 Datasheet(PDF) 3 Page - NEC

Part # UPC8179
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8179 Datasheet(HTML) 3 Page - NEC

  UPC8179 Datasheet HTML 1Page - NEC UPC8179 Datasheet HTML 2Page - NEC UPC8179 Datasheet HTML 3Page - NEC UPC8179 Datasheet HTML 4Page - NEC UPC8179 Datasheet HTML 5Page - NEC UPC8179 Datasheet HTML 6Page - NEC UPC8179 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet P14730EJ2V0DS00
3
µµµµPC8179TB
PRODUCT LINE-UP (TA = +25 °C, VCC = Vout = 3.0 V, ZS = ZL = 50
Ω)
1.0 GHz output port
matching frequency
1.66 GHz output port
matching frequency
1.9 GHz output port
matching frequency
2.4 GHz output port
matching frequency
Parameter
Part No.
ICC
(mA)
GP
(dB)
ISL
(dB)
PO(1 dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1 dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1 dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1 dB)
(dBm)
Marking
µPC8178TB
1.9
11
39
−4.0
−−−
11.5
40
−7.0
11.5
38
−7.5
C3B
µPC8179TB
4.0
13.5
44
+3.0
−−−
15.5
42
+1.5
15.5
41
+1.0
C3C
µPC8128TB
2.8
12.5
39
−4.0
13
39
−4.0
13
37
−4.0
−−
C2P
µPC8151TB
4.2
12.5
38
+2.5
15
36
+1.5
15
34
+0.5
−−
C2U
µPC8152TB
5.6
23
40
−4.5
19.5
38
−8.5
17.5
35
−8.5
−−
C2V
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
SYSTEM APPLICATION EXAMPLE
Location examples in digital cellular
RX
Low Noise Tr.
SW
TX
÷N
PLL
PLL
I
Q
I
Q
DEMOD.
0
°
90
°
PA
φ
These ICs can be added to your system around
V parts, when you need more isolation or gain. The application
herein, however, shows only examples, therefore the application can depend on your kit evaluation.


Similar Part No. - UPC8179

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
logo
California Eastern Labs
UPC8179TB CEL-UPC8179TB Datasheet
1Mb / 25P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8179TB CEL-UPC8179TB Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8179TB RENESAS-UPC8179TB Datasheet
319Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC8179

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com