Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFL4105 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFL4105
Description  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFL4105 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFL4105 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFL4105 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFL4105 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFL4105 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFL4105 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFL4105 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFL4105 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFL4105 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFL4105 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFL4105
MOSFET
S
D
G
VDSS = 55V
RDS(on) = 0.045Ω
ID = 3.7A
The SOT-223 package is designed for surface-mount
using vapor phase, infra red, or wave soldering techniques.
Its unique package design allows for easy automatic pick-
and-place as with other SOT or SOIC packages but has the
added advantage of improved thermal performance due to
an enlarged tab for heatsinking. Power dissipation of 1.0W
is possible in a typical surface mount application.
Description
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l Fast Switching
l Fully Avalanche Rated
SO T -2 2 3
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Amb. (PCB Mount, steady state)*
90
120
RθJA
Junction-to-Amb. (PCB Mount, steady state)**
50
60
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V**
5.2
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V*
3.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V*
3.0
IDM
Pulsed Drain Current

30
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.1
W
PD @TA = 25°C
Power Dissipation (PCB Mount)*
1.0
W
Linear Derating Factor (PCB Mount)*
8.3
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
110
mJ
IAR
Avalanche Current

3.7
A
EAR
Repetitive Avalanche Energy

0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
2014-8-9
1
www.kersemi.com


Similar Part No. - IRFL4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRFL4105PBF IRF-IRFL4105PBF Datasheet
158Kb / 9P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFL4105PBF VISHAY-IRFL4105PBF Datasheet
163Kb / 9P
   Advanced Process Technology
logo
International Rectifier
IRFL4105PBF IRF-IRFL4105PBF Datasheet
163Kb / 9P
   Advanced Process Technology
logo
Infineon Technologies A...
IRFL4105PBF INFINEON-IRFL4105PBF Datasheet
498Kb / 10P
   HEXFET짰 Power MOSFET
2016-5-27
More results

Similar Description - IRFL4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com