Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-89 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # SOT-89
Description  Reference Pattern Layout Dimensions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SOT-89 Datasheet(HTML) 2 Page - Torex Semiconductor

  SOT-89 Datasheet HTML 1Page - Torex Semiconductor SOT-89 Datasheet HTML 2Page - Torex Semiconductor SOT-89 Datasheet HTML 3Page - Torex Semiconductor SOT-89 Datasheet HTML 4Page - Torex Semiconductor SOT-89 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
●SOT-89 Reel
●Taping Specifications
Taping Specifications
Unit: mm
1,000pcs/reel
R Type :[Device orientation : Right]
Standard feed
direction of feed


Similar Part No. - SOT-89

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
SOT-89 AME-SOT-89 Datasheet
37Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
SHENZHEN YONGERJIA INDU...
SOT-89 WINNERJOIN-SOT-89 Datasheet
133Kb / 1P
   TRANSISTOR (NPN)
SOT-89 WINNERJOIN-SOT-89 Datasheet
134Kb / 1P
   TRANSISTOR (PNP)
SOT-89 WINNERJOIN-SOT-89 Datasheet
154Kb / 2P
   SOT-89 Encapsulate Three Terminal Voltage Regulator
SOT-89 WINNERJOIN-SOT-89 Datasheet
127Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - SOT-89

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
USP-6C TOREX-USP-6C Datasheet
318Kb / 4P
   Reference Pattern Layout Dimensions
USPN-6 TOREX-USPN-6 Datasheet
317Kb / 4P
   Reference Pattern Layout Dimensions
QFN-24 TOREX-QFN-24 Datasheet
335Kb / 4P
   Reference Pattern Layout Dimensions
SOT-23 TOREX-SOT-23 Datasheet
406Kb / 5P
   Reference Pattern Layout Dimensions
TSSOP-16 TOREX-TSSOP-16 Datasheet
205Kb / 3P
   Reference Pattern Layout Dimensions
USP-10B03 TOREX-USP-10B03 Datasheet
340Kb / 4P
   Reference Pattern Layout Dimensions
USP-6B TOREX-USP-6B Datasheet
209Kb / 4P
   Reference Pattern Layout Dimensions
WLP-5-03 TOREX-WLP-5-03 Datasheet
288Kb / 4P
   Reference Pattern Layout Dimensions
USP-11B01 TOREX-USP-11B01 Datasheet
115Kb / 1P
   Reference Pattern Layout Dimensions
SOP-8FD TOREX-SOP-8FD Datasheet
304Kb / 4P
   Reference Pattern Layout Dimensions
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com