Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD1
Description  ON-CHIP RESISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR MID-SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD1_15 Datasheet HTML 1Page - Renesas Technology Corp HD1_15 Datasheet HTML 2Page - Renesas Technology Corp HD1_15 Datasheet HTML 3Page - Renesas Technology Corp HD1_15 Datasheet HTML 4Page - Renesas Technology Corp HD1_15 Datasheet HTML 5Page - Renesas Technology Corp HD1_15 Datasheet HTML 6Page - Renesas Technology Corp HD1_15 Datasheet HTML 7Page - Renesas Technology Corp HD1_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2
HD1 SERIES
Data Sheet D16182EJ4V0DS
HD1A3M
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 60 V, IE = 0
100
nA
DC current gain
hFE1
Note
VCE = 2.0 V, IC = 0.1 A
80
DC current gain
hFE2
Note
VCE = 2.0 V, IC = 0.5 A
200
DC current gain
hFE3
Note
VCE = 2.0 V, IC = 1.0 A
200
Low level output voltage
VOL
Note
VIN = 5.0 V, IC = 0.4 A
0.35
V
Low level input voltage
VIL
Note
VCE = 5.0 V, IC = 100
μA
0.3
V
Input resistance
R1
0.7
1.0
1.3
k
Ω
E-to-B resistance
R2
0.7
1.0
1.3
k
Ω
Note
PW
≤ 350
μs, duty cycle ≤ 2 %
HD1F3P
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 60 V, IE = 0
100
nA
DC current gain
hFE1
Note
VCE = 2.0 V, IC = 0.1 A
200
630
DC current gain
hFE2
Note
VCE = 2.0 V, IC = 0.5 A
300
780
DC current gain
hFE3
Note
VCE = 2.0 V, IC = 1.0 A
200
430
Low level output voltage
VOL
Note
VIN = 5.0 V, IC = 0.3 A
0.12
0.3
V
Low level input voltage
VIL
Note
VCE = 5.0 V, IC = 100
μA
0.5
0.3
V
Input resistance
R1
1.54
2.2
2.86
k
Ω
E-to-B resistance
R2
7
10
13
k
Ω
Note
PW
≤ 350
μs, duty cycle ≤ 2 %
HD1L3N
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 60 V, IE = 0
100
nA
DC current gain
hFE1
Note
VCE = 2.0 V, IC = 0.1 A
200
DC current gain
hFE2
Note
VCE = 2.0 V, IC = 0.5 A
300
DC current gain
hFE3
Note
VCE = 2.0 V, IC = 1.0 A
200
Low level output voltage
VOL
Note
VIN = 5.0 V, IC = 0.2 A
0.2
V
Low level input voltage
VIL
Note
VCE = 5.0 V, IC = 100
μA
0.3
V
Input resistance
R1
3.29
4.7
6.11
k
Ω
E-to-B resistance
R2
7
10
13
k
Ω
Note
PW
≤ 350
μs, duty cycle ≤ 2 %


Similar Part No. - HD1_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD1-15530-8 RENESAS-HD1-15530-8 Datasheet
724Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
More results

Similar Description - HD1_15

ManufacturerPart #DatasheetDescription
logo
NEC
CE1F3P NEC-CE1F3P Datasheet
141Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
AA1F4Z NEC-AA1F4Z Datasheet
81Kb / 4P
   On-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
AA1A3Q RENESAS-AA1A3Q Datasheet
237Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AA1F4Z RENESAS-AA1F4Z Datasheet
236Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
HD2 RENESAS-HD2_15 Datasheet
325Kb / 8P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1N2R RENESAS-CE1N2R_15 Datasheet
261Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
NEC
CE1N2R NEC-CE1N2R Datasheet
54Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE2A3Q NEC-CE2A3Q Datasheet
232Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
AA1L3M RENESAS-AA1L3M Datasheet
238Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
CE1A3Q RENESAS-CE1A3Q Datasheet
338Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com