Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA170CA Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # SA170CA
Description  500 Watts Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SA170CA Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  SA170CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SA170CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SA170CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SA170CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SA170CA
SA160CA
SA150CA
SA130CA
SA120CA
SA110CA
SA100CA
SA90CA
SA85CA
SA78CA
SA75CA
SA70CA
SA64CA
SA60A
SA60CA
SA58CA
SA54CA
SA51CA
SA48CA
SA45CA
SA43CA
SA40CA
SA36CA
3 of 4
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Voltage
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Temperature
VBR (V)
It
VRWM
IR
IRSM
VRSM
Variation of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(mV /
°C)
40.0
48.9
1.0
36.0
1.0
7.8
64.3
46.0
SA36A
40.0
44.2
1.0
36.0
1.0
8.6
58.1
41.0
44.4
54.3
1.0
40.0
1.0
7.0
71.4
51.0
SA40A
44.4
49.1
1.0
40.0
1.0
7.8
64.5
46.0
47.8
58.4
1.0
43.0
1.0
6.5
76.7
55.0
SA43A
47.8
52.8
1.0
43.0
1.0
7.2
69.4
50.0
50.0
61.1
1.0
45.0
1.0
6.2
80.3
58.0
SA45A
50.0
55.3
1.0
45.0
1.0
6.9
72.7
52.0
53.3
65.1
1.0
48.0
1.0
5.8
85.5
63.0
SA48A
53.3
58.9
1.0
48.0
1.0
6.5
77.4
56.0
56.7
69.3
1.0
51.0
1.0
5.5
91.1
66.0
SA51A
56.7
62.7
1.0
51.0
1.0
6.1
82.4
61.0
60.0
73.3
1.0
54.0
1.0
5.2
96.3
71.0
SA54A
60.0
66.3
1.0
54.0
1.0
5.7
87.1
65.0
64.4
78.7
1.0
58.0
1.0
4.9
103
78.0
SA58A
64.4
71.2
1.0
58.0
1.0
5.3
93.6
70.0
66.7
81.5
1.0
60.0
1.0
4.7
107
80.0
66.7
73.7
1.0
60.0
1.0
5.2
96.8
71.0
71.1
86.9
1.0
64.0
1.0
4.4
114
86.0
SA64A
71.1
78.6
1.0
64.0
1.0
4.9
103
76.0
77.8
95.1
1.0
70.0
1.0
4.0
125
94.0
SA70A
77.8
86.0
1.0
70.0
1.0
4.4
113
85.0
83.3
102
1.0
75.0
1.0
3.7
134
101
SA75A
83.3
92.1
1.0
75.0
1.0
4.1
121
91.0
86.7
106
1.0
78.0
1.0
3.6
139
105
SA78A
86.7
95.8
1.0
78.0
1.0
4.0
126
95.0
94.4
115
1.0
85.0
1.0
3.3
151
114
SA85A
94.4
104
1.0
85.0
1.0
3.6
137
103
100
122
1.0
90.0
1.0
3.1
160
121
SA90A
100
111
1.0
90.0
1.0
3.4
146
110
111
136
1.0
100
1.0
2.8
179
135
SA100A
111
123
1.0
100
1.0
3.1
162
123
122
149
1.0
110
1.0
2.6
196
148
SA110A
122
135
1.0
110
1.0
2.8
177
133
133
163
1.0
120
1.0
2.3
214
162
SA120A
133
147
1.0
120
1.0
2
193
146
144
176
1.0
130
1.0
2.2
231
175
SA130A
144
159
1.0
130
1.0
2.4
209
158
167
204
1.0
150
1.0
1.9
268
203
SA150A
167
185
1.0
150
1.0
2.1
243
184
178
218
1.0
160
1.0
1.7
287
217
SA160A
178
197
1.0
160
1.0
1.9
259
196
189
231
1.0
170
1.0
1.6
304
230
SA170A
189
209
1.0
170
1.0
1.8
275
208


Similar Part No. - SA170CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA170CA PANJIT-SA170CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
RFE international
SA170CA RFE-SA170CA Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
MDE Semiconductor, Inc.
SA170CA MDE-SA170CA Datasheet
63Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SA170CA VISHAY-SA170CA Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Won-Top Electronics
SA170CA WTE-SA170CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA170CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZW06-5V8CA SUNMATE-BZW06-5V8CA Datasheet
1Mb / 3P
   600 Watts Axial Leaded Transient Voltage Suppressors
BZW06-5V8CA SUNMATE-BZW06-5V8CA Datasheet
1Mb / 3P
   600 Watts Axial Leaded Transient Voltage Suppressors
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
   500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com