Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE56A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # P6KE56A
Description  600W Axial Lead Transient Voltage Suppessors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P6KE56A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  P6KE56A Datasheet HTML 1Page - SUNMATE electronic Co., LTD P6KE56A Datasheet HTML 2Page - SUNMATE electronic Co., LTD P6KE56A Datasheet HTML 3Page - SUNMATE electronic Co., LTD P6KE56A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
P6KE62CA
P6KE56CA
P6KE51CA
P6KE47CA
P6KE43CA
P6KE39CA
P6KE36CA
P6KE33CA
P6KE30CA
P6KE27CA
P6KE24CA
P6KE22CA
P6KE20CA
P6KE18CA
P6KE16CA
P6KE15CA
P6KE13CA
P6KE12CA
P6KE11CA
P6KE10CA
P6KE9.1CA
P6KE8.2CA
P6KE7.5CA
P6KE6.8CA
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
6.12
7.48
10
5.50
1000
55.5
10.8
0.057
P6KE6.8A
6.45
7.14
10
5.80
1000
P6KE7.5
10.5
0.057
6.75
8.25
10
6.05
500
51.0
11.7
0.061
P6KE7.5A
7.13
7.88
10
6.40
500
53.0
P6KE8.2
0.061
7.38
9.02
10
6.63
200
48.0
12.5
0.065
P6KE8.2A
7.79
8.61
10
7.02
200
50.0
12.1
P6KE9.1
8.19
10.0
1.0
7.37
150
44.0
13.8
0.068
P6KE9.1A
8.65
9.55
1.0
7.78
150
45.0
13.4
0.068
9.00
11.0
1.0
8.10
150
40.0
15.0
0.073
P6KE10A
9.50
10.5
1.0
8.55
150
41.0
14.5
0.073
9.90
12.1
1.0
8.92
150
37.0
16.2
0.075
P6KE11A
10.5
11.6
1.0
9.40
150
38.0
15.6
0.075
10.8
13.2
1.0
9.72
5.0
35.0
17.3
0.078
P6KE12A
11.4
12.6
1.0
10.2
5.0
36.0
16.7
0.078
11.7
14.3
1.0
10.5
5.0
32.0
19.0
0.081
P6KE13A
12.4
13.7
1.0
11.1
5.0
33.0
18.2
0.081
13.5
16.5
1.0
12.1
5.0
27.0
22.0
0.084
P6KE15A
14.3
15.8
1.0
12.8
5.0
28.0
21.2
0.084
14.4
17.6
1.0
12.9
5.0
26.0
23.5
0.086
P6KE16A
15.2
16.8
1.0
13.6
5.0
27.0
22.5
0.086
16.2
19.8
1.0
14.5
5.0
23.0
26.5
0.088
P6KE18A
17.1
18.9
1.0
15.3
5.0
24.0
25.2
0.088
18.0
22.0
1.0
16.2
5.0
21.0
29.1
0.090
P6KE20A
19.0
21.0
1.0
17.1
5.0
22.0
27.7
0.090
19.8
24.2
1.0
17.8
5.0
19.0
31.9
0.092
P6KE22A
20.9
23.1
1.0
18.8
5.0
20.0
30.6
0.092
21.6
26.4
1.0
19.4
5.0
17.0
34.7
0.094
P6KE24A
22.8
25.2
1.0
20.5
5.0
18.0
33.2
0.094
24.3
29.7
1.0
21.8
5.0
15.0
39.1
0.096
P6KE27A
25.7
28.4
1.0
23.1
5.0
16.0
37.5
0.096
27.0
33.0
1.0
24.3
5.0
14.0
43.5
0.097
P6KE30A
28.5
31.5
1.0
25.6
5.0
14.4
41.4
0.097
29.7
36.3
1.0
26.8
5.0
12.6
47.7
0.098
P6KE33A
31.4
34.7
1.0
28.2
5.0
13.2
45.7
0.098
32.4
39.6
1.0
29.1
5.0
11.6
52.0
0.099
P6KE36A
34.2
37.8
1.0
30.8
5.0
12.0
49.9
0.099
35.1
42.9
1.0
31.6
5.0
10.6
56.4
0.100
P6KE39A
37.1
41.0
1.0
33.3
5.0
11.2
53.9
0.100
38.7
47.3
1.0
34.8
5.0
9.6
61.9
0.101
P6KE43A
40.9
45.2
1.0
36.8
5.0
10.1
59.3
0.101
42.3
51.7
1.0
38.1
5.0
8.9
67.8
0.101
P6KE47A
44.7
49.4
1.0
40.2
5.0
9.3
64.8
0.101
45.9
56.1
1.0
41.3
5.0
8.2
73.5
0.102
P6KE51A
48.5
53.6
1.0
43.6
5.0
8.6
70.1
P6KE56C
50.4
61.6
1.0
45.4
5.0
7.4
80.5
0.103
P6KE56A
53.2
58.8
1.0
47.8
5.0
7.8
77.0
0.103
55.8
68.2
1.0
50.2
5.0
6.8
89.0
0.104
Rating at = 25
°C ambient temperature unless otherwise specified
P6KE SERIES


Similar Part No. - P6KE56A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
P6KE56A BILIN-P6KE56A Datasheet
256Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P6KE56A CHENDA-P6KE56A Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
DONGGUAN YOU FENG WEI E...
P6KE56A YFWDIODE-P6KE56A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Motorola, Inc
P6KE56A MOTOROLA-P6KE56A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE56A VISHAY-P6KE56A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE56A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
logo
UN Semiconducctor INC
P6KE UNSEMI-P6KE Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
   Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
   Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
   Axial Lead Transient Voltage Suppressors
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SAC SOCAY-SAC Datasheet
241Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com