Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPY12 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # ZPY12
Description  1.3 Watts Axial Leaded Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ZPY12 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  ZPY12 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ZPY12 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
(1)
Test
Dynamic
Reverse Voltage
Admissible
Temp. coefficient
Type
VZ @ IZT
Current
Resistance
at IR = 0.5
µA
Zener Current
of Zener Voltage
Min.
Max.
IZT
at IZT, f = 1kHz
VR
IZ
(2)
(V)
(V)
(mA)
rzj (
Ω)
(V)
(mA)
min.
max.
ZPY3.9
3.7
4.1
100
4 (< 7)
-
290
-7
+2
ZPY4.3
4.0
4.6
100
4 (< 7)
-
280
-7
+3
ZPY4.7
4.4
5
100
2 (< 5)
-
250
-7
+4
ZPY5.1
4.8
6.4
100
1 (< 2)
> 0.7
215
-6
+5
ZPY5.6
5.2
6
100
1 (< 2)
> 1.5
200
-3
+5
ZPY6.2
5.8
6.6
100
1 (< 2)
> 2.0
190
-1
+6
ZPY6.8
6.4
7.2
100
1 (< 2)
> 3.0
170
0
+7
ZPY7.5
7.0
7.9
100
1 (< 2)
> 5.0
155
0
+7
ZPY8.2
7.7
8.7
100
1 (< 2)
> 6.0
140
+3
+8
ZPY9.1
8.5
9.6
50
2 (< 4)
> 7.0
130
+3
+8
ZPY10
9.41
10.6
50
2 (< 4)
> 7.5
120
+5
+9
ZPY11
10.4
11.6
50
3 (< 7)
> 8.5
105
+5
+10
ZPY12
11.4
12.7
50
3 (< 7)
> 9.0
97
+5
+10
ZPY13
12.4
14.1
50
4 (< 9)
> 10
88
+5
+10
ZPY15
13.8
15.8
50
4 (< 9)
> 11
79
+5
+10
ZPY16
15.3
17.1
25
5 (< 10)
> 12
71
+7
+11
ZPY18
16.8
19.1
25
5 (< 11)
> 14
66
+7
+11
ZPY20
18.8
21.2
25
6 (< 12)
> 15
62
+7
+11
ZPY22
20.8
23.3
25
7 (< 13)
> 17
+7
+11
ZPY24
22.8
25.6
25
8 (< 14)
> 18
56
+7
+12
ZPY27
25.1
28.9
25
9 (< 15)
> 20
52
+7
+12
ZPY30
28
32
25
10 (< 20)
> 22.5
47
+7
+12
ZPY33
31
35
25
11 (<20)
> 25
41
+7
+12
ZPY36
34
38
10
25 (< 60)
> 27
36
+7
+12
ZPY39
37
41
10
30 (< 60)
> 29
33
+8
+12
ZPY43
40
46
10
35 (< 80)
> 32
30
+8
+13
ZPY47
44
50
10
40 (< 80)
> 35
28
+8
+13
ZPY51
48
64
10
45 (< 100)
> 38
26
+8
+13
ZPY56
52
60
10
50 (< 100)
> 42
23
+8
+13
ZPY62
58
66
10
60 (< 130)
> 47
21
+8
+13
ZPY68
64
72
10
65 (< 130)
> 51
19
+8
+13
ZPY75
70
79
10
70 (< 160)
> 56
16
+8
+13
ZPY82
77
88
10
80 (< 160)
> 61
15
+8
+13
ZPY91
85
96
5
120 (< 250)
> 68
14
+9
+13
ZPY100
94
106
5
130 (< 250)
> 75
12
+9
+13
2 of 2
α
vz(10
-4 /
°C)


Similar Part No. - ZPY12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY12 DIODES-ZPY12 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Vishay Siliconix
ZPY12 VISHAY-ZPY12 Datasheet
502Kb / 6P
   Zener Diodes
Rev. 1.9, 11-Jul-12
logo
General Semiconductor
ZPY12 GE-ZPY12 Datasheet
217Kb / 5P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
ZPY12 NJSEMI-ZPY12 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
ZPY12 VISHAY-ZPY12 Datasheet
186Kb / 5P
   Zener Diodes
02-May-02
More results

Similar Description - ZPY12

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZX85C2V7 SUNMATE-BZX85C2V7 Datasheet
110Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
1N5913B SUNMATE-1N5913B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
ZY3.6 SUNMATE-ZY3.6 Datasheet
115Kb / 2P
   2 Watts Axial Leaded Zener Diodes
BZW03C7V5 SUNMATE-BZW03C7V5 Datasheet
90Kb / 2P
   6 Watts Axial Leaded Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com