Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBZ5919B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMBZ5919B
Description  3 Watts Surface Mount Zener Doides
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBZ5919B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMBZ5919B Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBZ5919B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2of2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
CODE
ZENER
VOLTAGE
VZ AT IZT
(V)
TEST
CURRENT
IZT
(mA)
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR AT VR
MAXIMUM
ZENER
CURRENT
IZM
(mA)
ZZT AT IZT
ZZK AT IZK
MIN.
NOM. MAX.
(
Ω)(Ω)(mA)
(µA)
(V)
SMBZ5919B
19B
5.32
5.6
5.88
66.9
5
700
1
200
3
267
SMBZ5920B
20B
5.89
6.2
6.51
60.5
2
700
1
200
4
241
SMBZ5921B
21B
6.46
6.8
7.14
55.1
2.5
400
1
200
5.2
220
SMBZ5924B
24B
8.64
9.1
9.56
41.2
4.0
1000
0.5
25
7.0
164
SMBZ5925B
25B
9.5
10
10.5
37.5
4.5
1000
0.25
25
8.0
150
SMBZ5926B
26B
10.5
11
11.6
34.1
5.5
550
0.25
5
8.4
136
SMBZ5927B
27B
11.4
12
12.6
31.2
6.5
550
0.25
1
9.1
125
SMBZ5928B
28B
12.4
13
13.7
28.8
7.0
550
0.25
1
9.9
115
SMBZ5929B
29B
14.3
15
15.8
25.0
9.0
600
0.25
1
11.4
100
SMBZ5930B
30B
15.2
16
16.8
23.4
10.0
600
0.25
1
12.2
93
SMBZ5931B
31B
17.1
18
18.9
20.8
12.0
650
0.25
1
13.7
83
SMBZ5932B
32B
19.0
20
21.0
18.7
14.0
650
0.25
1
15.2
75
SMBZ5933B
33B
20.9
22
23.1
17.0
17.5
650
0.25
1
16.7
68
SMBZ5934B
34B
22.8
24
25.2
15.6
19.0
700
0.25
1
18.2
62
SMBZ5935B
35B
25.7
27
28.4
13.9
23.0
700
0.25
1
20.6
55
SMBZ5936B
36B
28.5
30
31.5
12.5
28.0
750
0.25
1
22.8
50
SMBZ5937B
37B
31.4
33
34.7
11.4
33.0
800
0.25
1
25.1
45
SMBZ5938B
38B
34.2
36
37.8
10.4
38.0
850
0.25
1
27.4
41
SMBZ5939B
39B
37.1
39
41.0
9.6
45.0
900
0.25
1
29.7
38
SMBZ5940B
40B
40.9
43
45.2
8.7
53.0
950
0.25
1
32.7
34
SMBZ5941B
41B
44.6
47
49.4
8.0
67
1000
0.25
1
35.8
31
SMBZ5942B
42B
48.4
51
53.6
7.3
70
1100
0.25
1
38.8
29
SMBZ5943B
43B
53.2
56
58.8
6.7
86
1300
0.25
1
42.6
26
SMBZ5944B
44B
58.9
62
65.1
6.0
100
1500
0.25
1
47.1
24
SMBZ5945B
45B
64.6
68
71.4
5.5
120
1700
0.25
1
51.7
22


Similar Part No. - SMBZ5919B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMBZ5919B VISHAY-SMBZ5919B Datasheet
117Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMBZ5919B VISHAY-SMBZ5919B_V01 Datasheet
117Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
More results

Similar Description - SMBZ5919B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
BZG03C10 SUNMATE-BZG03C10 Datasheet
170Kb / 2P
   3 Watts Surface Mount Zener Diodes
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
Z3SMB6V2 SUNMATE-Z3SMB6V2 Datasheet
209Kb / 2P
   3 Watts Surface Mount Zener Diodes
SZ553J SUNMATE-SZ553J Datasheet
80Kb / 2P
   3 Watts Surface Mount Zener Diodes
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Motorola, Inc
1SMB5913BT3 MOTOROLA-1SMB5913BT3 Datasheet
60Kb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com