Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20KPA68A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 20KPA68A
Description  20000 Watts Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

20KPA68A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  20KPA68A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 20KPA68A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 20KPA68A Datasheet HTML 3Page - SUNMATE electronic Co., LTD 20KPA68A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20KPA72A
20KPA72CA
20KPA80A
20KPA80CA
20KPA88A
20KPA88CA
20KPA96A
20KPA96CA
20KPA20A
20KPA20CA
20KPA24A
20KPA24CA
20KPA26A
20KPA26CA
20KPA28A
20KPA28CA
20KPA30A
20KPA30CA
20KPA32A
20KPA32CA
20KPA34A
20KPA34CA
20KPA36A
20KPA36CA
20KPA40A
20KPA40CA
20KPA44A
20KPA44CA
20KPA48A
20KPA48CA
20KPA52A
20KPA52CA
20KPA56A
20KPA56CA
20KPA60A
20KPA60CA
20KPA64A
20KPA64CA
20KPA68A
20KPA68CA
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ I
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double
For parts without A , the VBR is + 10%
2of4
20.00
22.34
50
36.8
548.9
5000
24.00
26.81
50
41.2
490.3
5000
26.00
29.04
50
44.7
451.9
2000
28.00
31.28
50
48.0
420.8
1000
30.00
33.51
5
51.5
392.2
250
32.00
35.74
5
54.3
372.0
150
34.00
38.00
5
57.5
351.3
50
36.00
40.20
5
61.5
328.5
20
40.00
44.70
5
67.8
297.9
15
44.00
49.10
5
72.7
277.9
10
48.00
53.60
5
79.4
254.4
10
52.00
58.10
5
85.8
235.4
10
56.00
62.60
5
92.6
218.1
10
60.00
67.00
5
97.6
207.0
10
64.00
71.50
5
104.0
194.2
10
68.00
76.00
5
110.0
183.6
10
Part Number
68.00
76.00
5
110.0
183.6
10
64.00
71.50
5
104.0
194.2
10
60.00
67.00
5
97.6
207.0
10
56.00
62.60
5
92.6
218.1
10
52.00
58.10
5
85.8
235.4
10
48.00
53.60
5
79.4
254.4
10
44.00
49.10
5
72.7
277.9
10
40.00
44.70
5
67.8
297.9
15
36.00
40.20
5
61.5
328.5
20
34.00
38.00
5
57.5
351.3
50
32.00
35.74
5
54.3
372.0
150
30.00
33.51
5
51.5
392.2
250
28.00
31.28
50
48.0
420.8
1000
26.00
29.04
50
44.7
451.9
2000
24.00
26.81
50
41.2
490.3
5000
20.00
22.34
50
36.8
548.9
5000
72.00
80.40
5
116.0
174.1
10
80.00
89.40
5
130.0
155.4
10
88.00
98.30
5
142.0
142.3
10
96.00
107.20
5
155.0
130.3
10
96.00
107.20
5
155.0
130.3
10
88.00
98.30
5
142.0
142.3
10
80.00
89.40
5
130.0
155.4
10
72.00
80.40
5
116.0
174.1
10
T


Similar Part No. - 20KPA68A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA68A TAITRON-20KPA68A Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
20KPA68A MDE-20KPA68A Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
20KPA68A MDE-20KPA68A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
20KPA68A SPSEMI-20KPA68A Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
logo
Littelfuse
20KPA68A LITTELFUSE-20KPA68A Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 20KPA68A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
   500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com