Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP5.0A Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # 5KP5.0A
Description  5000Watts Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

5KP5.0A Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  5KP5.0A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 5KP5.0A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 5KP5.0A Datasheet HTML 3Page - SUNMATE electronic Co., LTD 5KP5.0A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
1
10
100
200
100
1000
10,000
100,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
T = 25 C
j
°
Measured at
Zero Bias
Stand-Off
Voltage V
R
Measured at
0.1
1.0
10
100
1000
10,000
1.0
10
100
1000
T PULSE WIDTH ( s)
Fig. 3 Pulse Derating Curve
P,
µ
L = 9.5 mm
20x20x1mmCu
0
25
50
75
100
125
150
175
200
0
2.0
4.0
6.0
8.0
T , LEAD TEMPERATURE ( C)
Fig. 5 Steady State Power Derating
L
°
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
10 X 1000 Waveform
as defind by REA
025
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Pulse Derating Curve
A
°
01
2
3
100
50
0
t = 10 s
r
µ
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 1 Pulse Waveform


Similar Part No. - 5KP5.0A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
5KP5.0A SOCAY-5KP5.0A Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Surge Components
5KP5.0A SURGE-5KP5.0A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Shunye Electro...
5KP5.0A SHUNYE-5KP5.0A Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP5.0A LUGUANG-5KP5.0A Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP5.0A BILIN-5KP5.0A Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP5.0A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302 SUNMATE-1N6302 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com