Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5377B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1N5377B
Description  5Watts Axial Leaded Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N5377B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1N5377B Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N5377B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
(mA)
1N5338B
5.1
240
1.5
400
1.0
1.0
1.0
930
1N5339B
5.6
220
1.0
400
1.0
1.0
2.0
856
1N5340B
6.0
200
1.0
300
1.0
1.0
3.0
790
1N5341B
6.2
200
1.0
200
1.0
1.0
3.0
765
1N5342B
6.8
175
1.0
200
1.0
10
5.2
700
1N5343B
7.5
175
1.5
200
1.0
10
5.7
630
1N5344B
8.2
150
1.5
200
1.0
10
6.2
580
1N5345B
8.7
150
2.0
200
1.0
10
6.6
545
1N5346B
9.1
150
2.0
150
1.0
7.5
6.9
520
1N5347B
10
125
2.0
125
1.0
5.0
7.6
475
1N5348B
11
125
2.5
125
1.0
5.0
8.4
430
1N5349B
12
100
2.5
125
1.0
2.0
9.1
395
1N5350B
13
100
2.5
100
1.0
1.0
9.9
365
1N5351B
14
100
2.5
75
1.0
1.0
10.6
340
1N5352B
15
75
2.5
75
1.0
1.0
11.5
315
1N5353B
16
75
2.5
75
1.0
1.0
12.2
295
1N5354B
17
70
2.5
75
1.0
0.5
12.9
280
1N5355B
18
65
2.5
75
1.0
0.5
13.7
265
1N5356B
19
65
3.0
75
1.0
0.5
14.4
250
1N5357B
20
65
3.0
75
1.0
0.5
15.2
237
1N5358B
22
50
3.5
75
1.0
0.5
16.7
216
1N5359B
24
50
3.5
100
1.0
0.5
18.2
198
1N5360B
25
50
4.0
110
1.0
0.5
19.0
190
1N5361B
27
50
5.0
120
1.0
0.5
20.6
176
1N5362B
28
50
6.0
130
1.0
0.5
21.2
170
1N5363B
30
40
8.0
140
1.0
0.5
22.8
158
1N5364B
33
40
10
150
1.0
0.5
25.1
144
1N5365B
36
30
11
160
1.0
0.5
27.4
132
1N5366B
39
30
14
170
1.0
0.5
29.7
122
1N5367B
43
30
20
190
1.0
0.5
32.7
110
1N5368B
47
25
25
210
1.0
0.5
35.8
100
1N5369B
51
25
27
230
1.0
0.5
38.8
93.0
1N5370B
56
20
35
280
1.0
0.5
42.6
86.0
1N5371B
60
20
40
350
1.0
0.5
45.5
79.0
1N5372B
62
20
42
400
1.0
0.5
47.1
76.0
1N5373B
68
20
44
500
1.0
0.5
51.7
70.0
1N5374B
75
20
45
620
1.0
0.5
56.0
63.0
1N5375B
82
15
65
720
1.0
0.5
62.2
58.0
1N5376B
87
15
75
760
1.0
0.5
66.0
54.5
1N5377B
91
15
75
760
1.0
0.5
69.2
52.5
1N5378B
100
12
90
800
1.0
0.5
76.0
47.5
1N5379B
110
12
125
1000
1.0
0.5
83.6
43.0
1N5380B
120
10
170
1150
1.0
0.5
91.2
39.5
1N5381B
130
10
190
1250
1.0
0.5
98.8
36.6
1N5382B
140
8.0
230
1500
1.0
0.5
106
34.0
1N5383B
150
8.0
330
1500
1.0
0.5
114
31.6
1N5384B
160
8.0
350
1650
1.0
0.5
122
29.4
1N5385B
170
8.0
380
1750
1.0
0.5
129
28.0
1N5386B
180
5.0
430
1750
1.0
0.5
137
26.4
1N5387B
190
5.0
450
1850
1.0
0.5
144
25.0
1N5388B
200
5.0
480
1850
1.0
0.5
152
23.6
Note : (1) Suffix " B " indicates
± 5% tolerance, suffix " A " indicates ± 10% tolerance.
Type No.


Similar Part No. - 1N5377B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5377B MOTOROLA-1N5377B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5377B NJSEMI-1N5377B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Semikron International
1N5377B SEMIKRON-1N5377B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Insel Rectifier India P...
1N5377B IRI-1N5377B Datasheet
204Kb / 3P
   ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5377B NJSEMI-1N5377B Datasheet
168Kb / 1P
   DIODE
More results

Similar Description - 1N5377B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com