Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5942B Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 1SMB5942B
Description  3.0Watts Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SMB5942B Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  1SMB5942B Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SMB5942B Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1SMB5942B Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig.2 Typical Total Capacitance
RWM
T= 25 C
j
°
f=1.0MHz
V
= 50 mV p-p
sig
Measured at
zero bias
Uni-directional
Bi-directional
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
0.1
1.0
0.1
10
100
1.0
10
1000
10000
T= 25 C
j
°
100
Non Repetitive
Pulse Waveform
Shown in Fig. 4
01
2
3
100
50
0
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 4 Pulse Waveform
0
120
100
80
60
40
20
2
5
10
NUMBER OF CYCLES AT 60Hz
Fig. 5 Maximum Non-Repetitive Surge Current
20
50
100
1
Pulse Width 8.3ms
Single Half-Sine-Wave
0.0
1.0
2.0
3.0
025
50
75
100
125
150
175
200
T , LEAD TEMPERATURE ( C)
Fig. 6 Steady State Power Derating Curve
L
°
4.0
5.0
60Hz Resistive or
Inductive Load


Similar Part No. - 1SMB5942B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5942B MOTOROLA-1SMB5942B Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
Guangdong Kexin Industr...
1SMB5942B KEXIN-1SMB5942B Datasheet
69Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMB5942B SYNSEMI-1SMB5942B Datasheet
30Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMB5942B EIC-1SMB5942B Datasheet
121Kb / 3P
   SILICON ZENER DIODES
logo
Diotech Company.
1SMB5942B DIOTECH-1SMB5942B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMB5942B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1SMB5913B SUNMATE-1SMB5913B Datasheet
1Mb / 3P
   3.0Watts Surface Mount Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com