Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW04-9V4CA Datasheet(PDF) 5 Page - SUNMATE electronic Co., LTD

Part # BZW04-9V4CA
Description  400 Watts Axial Leaded Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW04-9V4CA Datasheet(HTML) 5 Page - SUNMATE electronic Co., LTD

  BZW04-9V4CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW04-9V4CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW04-9V4CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW04-9V4CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD BZW04-9V4CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD BZW04-9V4CA Datasheet HTML 6Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
462
484
418
BZW04-376
BZW04P376
420
380
BZW04-342
BZW04P342
368
385
332
BZW04-299
BZW04P299
336
352
304
BZW04-273
BZW04P273
315
330
285
BZW04-256
BZW04P256
294
308
266
BZW04-239
BZW04P239
263
275
237
BZW04-213
BZW04P213
231
242
209
BZW04-188
BZW04P188
210
220
190
BZW04-171
BZW04P171
189
198
171
BZW04-154
BZW04P154
179
187
161
BZW04-145
BZW04P145
M
in
M
ax
0.110
376
1.0
0.80
603
0.110
376
1.0
0.80
603
Maximum
reverse
leakge
at VWM
ID (NOTE3)(μA)
Maximum
peak pulse
IPPM(NOTE2)
(A)
Maximum
clamping
voltage at
IPPM VC(V)
Maximum
temperature
coefficient
of V(BR)
(%/ )
Breakdow n
voltage V(BR)
(V)(NOTE1)
Test
current
at IT
(mA)
273
1.0
213
1.0
1.0
Stand-off
voltage
VWM
(V)
0.110
273
1.0
1.20
438
0.110
256
1.0
1.20
414
0.110
239
1.0
1.5
384
256
1.0
1.20
414
0.110
1.0
1.5
274
1.5
344
1.0
1.5
274
1.0
1.4
154
1.0
1.6
246
1.0
1.0
1.0
1.5
0.110
344
0.110
239
1.0
1.5
384
0.110
213
1.0
301
234
234
1.4
1.7
1.6
246
301
1.7
0.108
0.108
0.108
0.108
0.108
0.108
0.108
1.20
438
0.110
188
145
145
154
NOTE: (1) Pulse test: tp 50ms.
(2) Surge current w aveform per Fig. 3 and derated Fig. 2
(3) For bidirectional types having VWM of 10 volts and less, the ID limit is doubled
(4) All terms and symbols are consistent w ith ANSI/IEEE C62.35
Device
type
299
1.0
0.90
188
171
171
482
0.110
299
1.0
0.90
482
0.110
0.110
342
1.0
0.90
548
0.110
342
1.0
0.90
548
161
0.108
179
187
161
BZW04-145
BZW04P145
1.0
1.0
234
234
1.7
1.7
0.108
0.108
145
145
161
171
189
198
171
BZW04-154
BZW04P154
1.0
154
1.0
1.6
246
1.6
246
0.108
154
0.108
171
190
210
220
190
BZW04-171
BZW04P171
1.0
1.5
274
1.0
1.5
274
0.108
0.108
171
171
190
209
231
242
209
BZW04-188
BZW04P188
1.0
1.4
1.0
301
1.4
301
0.108
0.108
188
188
209
237
263
275
237
BZW04-213
BZW04P213
213
1.0
1.5
344
1.5
0.110
344
0.110
213
1.0
237
266
294
308
266
BZW04-239
BZW04P239
239
1.0
1.5
384
0.110
239
1.0
1.5
384
0.110
266
285
315
330
285
BZW04-256
BZW04P256
0.110
256
1.0
1.20
414
0.110
256
1.0
1.20
414
285
304
336
352
304
BZW04-273
BZW04P273
273
1.0
273
1.0
1.20
438
0.110
1.20
438
0.110
304
332
368
385
332
BZW04-299
BZW04P299
299
1.0
0.90
482
0.110
299
1.0
0.90
482
0.110
332
440
380
420
380
BZW04-342
BZW04P342
0.110
342
1.0
0.90
548
0.110
342
1.0
0.90
548
440
380
418
462
484
418
BZW04-376
BZW04P376
0.110
376
1.0
0.80
603
0.110
376
1.0
0.80
603
418
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
5of6


Similar Part No. - BZW04-9V4CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZW04-9V4 EIC-BZW04-9V4 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-9V4 VISHAY-BZW04-9V4 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
logo
General Semiconductor
BZW04-9V4 GE-BZW04-9V4 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW04-9V4 TAYCHIPST-BZW04-9V4 Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
Diotec Semiconductor
BZW04-9V4 DIOTEC-BZW04-9V4 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - BZW04-9V4CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com