Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZG03C36 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BZG03C36
Description  3 Watts Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZG03C36 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZG03C36 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZG03C36 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings @ TA = 25°C unless otherwise specified
Features
·
·
·
·
·
·
·
·
·
Mechanical Data
BZG03C10-BZG03C270
3 Watts Surface Mount Zener Diodes
High reliability
Fits onto 5 mm SMD footpads
Wave and reflow solderable
Glass passivated junction
Case:JEDEC DO-214AC(SMA)
Terminals: Solderable per MIL-
STD-202,Method 208
Polarity: Color band denotes cathods end
Mounting position: any
Weight: 0.002 ounces, 0.064 grams
Parameter
Power dissipation at T
A=100℃
Forward voltage @IF=500mA
Maximum thermal resistance
junction to ambient
Peak reverse power dissipation(non-repetitive)
tp=100
µs square wave
Junction temperature
Storage temperature range
VF
1.2
W
Unit
Value
3.0
W
-65 to +150
TSTG
TJ
-65 to +150
Symbol
Ptot
V
K/W
RθJA
150
PZSM
600
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
1of2
Complete Voltage Range 2.7 to 200 Volts
·


Similar Part No. - BZG03C36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C36 VISHAY-BZG03C36 Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
BZG03C36 VISHAY-BZG03C36 Datasheet
81Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
logo
Galaxy Semi-Conductor H...
BZG03C36 BILIN-BZG03C36 Datasheet
106Kb / 3P
   ZENER DIODES
logo
EPCOS
BZG03C36 EPCOS-BZG03C36 Datasheet
71Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZG03C36 VISHAY-BZG03C36 Datasheet
178Kb / 6P
   Zener Diodes
Rev. 1.7, 15-Sep-05
More results

Similar Description - BZG03C36

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
Z3SMB6V2 SUNMATE-Z3SMB6V2 Datasheet
209Kb / 2P
   3 Watts Surface Mount Zener Diodes
SZ553J SUNMATE-SZ553J Datasheet
80Kb / 2P
   3 Watts Surface Mount Zener Diodes
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
SMAZ5V1 SUNMATE-SMAZ5V1 Datasheet
125Kb / 2P
   1 Watts Surface Mount Zener Diodes
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
Taiwan Semiconductor Co...
1SMC5352 TSC-1SMC5352 Datasheet
229Kb / 5P
   5.0 Watts Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
SMBJ5333B SUNMATE-SMBJ5333B Datasheet
279Kb / 2P
   5 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com