Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6272A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 1N6272A
Description  1500 Watts Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N6272A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  1N6272A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N6272A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1N6272A Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1N6272A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N6303CA
1N6302CA
1N6301CA
1N6300CA
1N6299CA
1N6298CA
1N6297CA
1N6296CA
1N6295CA
1N6294CA
1N6293CA
1N6292CA
1N6291CA
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of V BR
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
(% /
°C)
1N6290A
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
1N6291A
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
1N6292A
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
1N6293A
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
81.9
100
1.0
73.7
5.0
11.4
131
0.106
1N6294A
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
90.0
110
1.0
81.0
5.0
10.4
144
0.106
1N6295A
95.0
105
1.0
85.5
5.0
11.0
137
0.106
99.0
121
1.0
89.2
5.0
9.5
158
0.107
1N6296A
105
116
1.0
94.0
5.0
9.9
152
0.107
108
132
1.0
97.2
5.0
8.7
173
0.107
1N6297A
114
126
1.0
102
5.0
9.1
165
0.107
117
143
1.0
105
5.0
8.0
187
0.107
1N6298A
124
137
1.0
111
5.0
8.4
179
0.107
135
165
1.0
121
5.0
7.0
215
0.108
1N6299A
143
158
1.0
128
5.0
7.2
207
0.108
144
176
1.0
130
5.0
6.5
230
0.108
1N6300A
152
168
1.0
136
5.0
6.8
219
0.108
153
187
1.0
138
5.0
6.2
244
0.108
1N6301A
162
179
1.0
145
5.0
6.4
234
0.108
162
198
1.0
146
5.0
5.8
258
0.108
1N6302A
171
189
1.0
154
5.0
6.1
246
0.108
180
220
1.0
162
5.0
5.2
287
0.108
1N6303A
190
210
1.0
171
5.0
5.5
274
0.108
Note:
( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 100 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 100 Amps. ( 100 Volts thru 200 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
3of4


Similar Part No. - 1N6272A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6272A TRSYS-1N6272A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6272A DAESAN-1N6272A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
1N6272A DAESAN-1N6272A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6272A LUGUANG-1N6272A Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Dc Components
1N6272A DCCOM-1N6272A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6272A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
   500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com