Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA45A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 30KPA45A
Description  30000 Watts Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

30KPA45A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  30KPA45A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 30KPA45A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 30KPA45A Datasheet HTML 3Page - SUNMATE electronic Co., LTD 30KPA45A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30KPA288A
30KPA288CA
30KPA300A
30KPA300CA
30KPA350A
30KPA350CA
30KPA400A
30KPA280A
30KPA280CA
30KPA270A
30KPA270CA
30KPA260A
30KPA260CA
30KPA258A
30KPA258CA
30KPA240A
30KPA240CA
30KPA216CA
30KPA198A
30KPA198CA
30KPA180A
30KPA180CA
30KPA160A
30KPA160CA
30KPA156A
30KPA156CA
30KPA150A
30KPA150CA
30KPA144A
30KPA144CA
30KPA132A
30KPA132CA
30KPA120A
30KPA120CA
30KPA108A
30KPA108CA
30KPA102A
30KPA102CA
30KPA96A
30KPA96CA
30KPA90A
30KPA90CA
30KPA84A
30KPA84CA
Part Number
84.00
93.8
5
139.2
217.7
10
90.00
100.5
5
146.4
207.0
10
96.00
107.2
5
156.0
194.2
10
102.00
113.9
5
165.6
183.0
10
108.00
120.6
5
175.2
172.9
10
120.00
134.0
5
194.4
155.9
10
132.00
147.4
5
213.0
142.3
10
150.00
167.6
5
233.4
129.8
10
156.00
174.3
5
245.0
123.7
10
160.00
178.7
5
252.6
120.0
10
30KPA168A
30KPA168CA
168.00
187.7
5
272.4
111.2
10
30KPA170 A
30KPA170CA
170.00
189.9
5
275.0
110.2
10
180.00
201.1
5
290.4
104.3
10
198.00
221.2
5
319.8
94.7
10
216.00
241.3
5
348.6
86.9
10
240.00
268.1
5
387.0
78.3
10
258.00
288.2
5
416.4
72.8
10
260.00
290.4
5
416.0
72.8
10
270.00
301.6
5
436.2
69.5
10
280.00
312.8
5
464.0
65.3
10
288.00
321.7
5
469.9
64.5
10
300.00
333.0
5
483.0
62.0
10
350.00
389.0
5
564.0
53.0
10
400.00
444.0
5
644.0
46.0
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double
For parts without A , the VBR is + 10%
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
84.00
93.8
5
139.2
217.7
10
90.00
100.5
5
146.4
207.0
10
96.00
107.2
5
156.0
194.2
10
102.00
113.9
5
165.6
183.0
10
108.00
120.6
5
175.2
172.9
10
120.00
134.0
5
194.4
155.9
10
132.00
147.4
5
213.0
142.3
10
144.00
160.8
5
223.2
135.8
10
144.00
160.8
5
223.2
135.8
10
150.00
167.6
5
233.4
129.8
10
156.00
174.3
5
245.0
123.7
10
160.00
178.7
5
252.6
120.0
10
168.00
187.7
5
272.4
111.2
10
170.00
189.9
5
275.0
110.2
10
180.00
201.1
5
290.4
104.3
10
198.00
221.2
5
319.8
94.7
10
216.00
241.3
5
348.6
86.9
10
240.00
268.1
5
387.0
78.3
10
400.00
444.0
5
644.0
46.0
10
350.00
389.0
5
564.0
53.0
10
300.00
333.0
5
483.0
62.0
10
258.00
288.2
5
416.4
72.8
10
260.00
290.4
5
416.0
72.8
10
270.00
301.6
5
436.2
69.5
10
280.00
312.8
5
464.0
65.3
10
288.00
321.7
5
469.9
64.5
10
30KPA216CA
30KPA400CA
3of4


Similar Part No. - 30KPA45A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA45A LITTELFUSE-30KPA45A Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
StarHope
30KPA45A SPSEMI-30KPA45A Datasheet
718Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
logo
TAITRON Components Inco...
30KPA45A TAITRON-30KPA45A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KPA45A SUNMATE-30KPA45A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
MDE Semiconductor, Inc.
30KPA45A MDE-30KPA45A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KPA45A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
30KP28 MCC-30KP28_15 Datasheet
319Kb / 4P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com