Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE7.5CA Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1.5KE7.5CA
Description  1500Watt Axial Lead Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1.5KE7.5CA Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1.5KE7.5CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1.5KE7.5CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1.5KE7.5CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1.5KE7.5CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
1.5KE62CA
1.5KE56CA
1.5KE51CA
1.5KE47CA
1.5KE43CA
1.5KE39CA
1.5KE36CA
1.5KE33CA
1.5KE30CA
1.5KE27CA
1.5KE24CA
1.5KE22CA
1.5KE20CA
1.5KE18CA
1.5KE16CA
1.5KE15CA
1.5KE13CA
1.5KE12CA
1.5KE11CA
1.5KE10CA
1.5KE9.1CA
1.5KE8.2CA
1.5KE7.5CA
1.5KE6.8CA
Rating at = 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
TYPE
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
Unidirectional
VBR (V)
It
VRWM
IR
IRSM
VRSM
of V BR
Axial Lead
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
6.12
7.48
10
5.50
1000
139
10.8
0.057
1.5KE6.8A
6.45
7.14
10
5.80
1000
143
10.5
0.057
6.75
8.25
10
6.05
500
128
11.7
0.061
1.5KE7.5A
7.13
7.88
10
6.40
500
132
11.3
0.061
7.38
9.02
10
6.63
200
120
12.5
0.065
1.5KE8.2A
7.79
8.61
10
7.02
200
124
12.1
0.065
8.19
10.0
1.0
7.37
50
109
13.8
0.068
1.5KE9.1A
8.65
9.55
1.0
7.78
50
112
13.4
0.068
9.00
11.0
1.0
8.10
10
100
15.0
0.073
1.5KE10A
9.50
10.5
1.0
8.55
10
103
14.5
0.073
9.90
12.1
1.0
8.92
5.0
93.0
16.2
0.075
1.5KE11A
10.5
11.6
1.0
9.40
5.0
96.0
15.6
0.075
10.8
13.2
1.0
9.72
5.0
87.0
17.3
0.078
1.5KE12A
11.4
12.6
1.0
10.2
5.0
90.0
16.7
0.078
11.7
14.3
1.0
10.5
5.0
79.0
19.0
0.081
1.5KE13A
12.4
13.7
1.0
11.1
5.0
82.0
18.2
0.081
13.5
16.5
1.0
12.1
5.0
68.0
22.0
0.084
1.5KE15A
14.3
15.8
1.0
12.8
5.0
71.0
21.2
0.084
14.4
17.6
1.0
12.9
5.0
64.0
23.5
0.086
1.5KE16A
15.2
16.8
1.0
13.6
5.0
67.0
22.5
0.086
16.2
19.8
1.0
14.5
5.0
56.5
26.5
0.088
1.5KE18A
17.1
18.9
1.0
15.3
5.0
59.5
25.2
0.088
18.0
22.0
1.0
16.2
5.0
51.5
29.1
0.090
1.5KE20A
19.0
21.0
1.0
17.1
5.0
54.0
27.7
0.090
19.8
24.2
1.0
17.8
5.0
47.0
31.9
0.092
1.5KE22A
20.9
23.1
1.0
18.8
5.0
49.0
30.6
0.092
21.6
26.4
1.0
19.4
5.0
43.0
34.7
0.094
1.5KE24A
22.8
25.2
1.0
20.5
5.0
45.0
33.2
0.094
24.3
29.7
1.0
21.8
5.0
38.5
39.1
0.096
1.5KE27A
25.7
28.4
1.0
23.1
5.0
40.0
37.5
0.096
27.0
33.0
1.0
24.3
5.0
34.5
43.5
0.097
1.5KE30A
28.5
31.5
1.0
25.6
5.0
36.0
41.4
0.097
29.7
36.3
1.0
26.8
5.0
31.5
47.7
0.098
1.5KE33A
31.4
34.7
1.0
28.2
5.0
33.0
45.7
0.098
32.4
39.6
1.0
29.1
5.0
29.0
52.0
0.099
1.5KE36A
34.2
37.8
1.0
30.8
5.0
30.0
49.9
0.099
35.1
42.9
1.0
31.6
5.0
26.5
56.4
0.100
1.5KE39A
37.1
41.0
1.0
33.3
5.0
28.0
53.9
0.100
38.7
47.3
1.0
34.8
5.0
24.0
61.9
0.101
1.5KE43A
40.9
45.2
1.0
36.8
5.0
25.3
59.3
0.101
42.3
51.7
1.0
38.1
5.0
22.2
67.8
0.101
1.5KE47A
44.7
49.4
1.0
40.2
5.0
23.2
64.8
0.101
45.9
56.1
1.0
41.3
5.0
20.4
73.5
0.102
1.5KE51A
48.5
53.6
1.0
43.6
5.0
21.4
70.1
0.102
50.4
61.6
1.0
45.4
5.0
18.6
80.5
0.103
1.5KE56A
53.2
58.8
1.0
47.8
5.0
19.5
77.0
0.103
55.8
68.2
1.0
50.2
5.0
16.9
89.0
0.104
1.5KE SERIES


Similar Part No. - 1.5KE7.5CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE7.5CA ONSEMI-1.5KE7.5CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Bruckewell Technology L...
1.5KE7.5CA BWTECH-1.5KE7.5CA Datasheet
595Kb / 7P
   Glass passvated junction chip
logo
Fairchild Semiconductor
1.5KE7.5CA FAIRCHILD-1.5KE7.5CA Datasheet
55Kb / 3P
   Glass passivated junction. 1500W Peak Pulse Power capability at 1.0 ms.
logo
DONGGUAN YOU FENG WEI E...
1.5KE7.5CA YFWDIODE-1.5KE7.5CA Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
MERITEK ELECTRONICS COR...
1.5KE7.5CA MERITEK-1.5KE7.5CA Datasheet
313Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - 1.5KE7.5CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
   Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
   Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
P4KE ANOVA-P4KE Datasheet
352Kb / 4P
   Axial Lead Transient Voltage Suppressors
3KP ANOVA-3KP Datasheet
393Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP LUGUANG-5KP Datasheet
929Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com