Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5927B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1N5927B
Description  1.5 Watts Axial Leaded Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N5927B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1N5927B Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N5927B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
1N5913B
3.3
113.6
10
500
1.0
100
1.0
454
1N5914B
3.6
104.2
9.0
500
1.0
75
1.0
416
1N5915B
3.9
96.1
7.5
500
1.0
25
1.0
384
1N5916B
4.3
87.2
6.0
500
1.0
5.0
1.0
348
1N5917B
4.7
79.8
5.0
500
1.0
5.0
1.5
319
1N5918B
5.1
73.5
4.0
350
1.0
5.0
2.0
294
1N5919B
5.6
66.9
2.0
250
1.0
40
3.0
267
1N5920B
6.2
60.5
2.0
200
1.0
40
4.0
241
1N5921B
6.8
55.1
2.5
200
1.0
50
5.2
220
1N5922B
7.5
50.0
3.0
400
0.5
50
6.0
200
1N5923B
8.2
45.7
3.5
400
0.5
50
6.5
182
1N5924B
9.1
41.2
4.0
500
0.5
50
7.0
164
1N5925B
10
37.5
4.5
500
0.25
50
8.0
150
1N5926B
11
34.1
5.5
550
0.25
50
8.4
136
1N5927B
12
31.2
6.5
550
0.25
1.0
9.1
125
1N5928B
13
28.8
7.0
550
0.25
1.0
9.9
115
1N5929B
15
25.0
9.0
600
0.25
1.0
11.4
100
1N5930B
16
23.4
10
600
0.25
1.0
12.2
93
1N5931B
18
20.8
12
650
0.25
1.0
13.7
83
1N5932B
20
18.7
14
650
0.25
1.0
15.2
75
1N5933B
22
17.0
17.5
650
0.25
1.0
16.7
68
1N5934B
24
15.6
19
700
0.25
1.0
18.2
62
1N5935B
27
13.9
23
700
0.25
1.0
20.6
55
1N5936B
30
12.5
26
750
0.25
1.0
22.8
50
1N5937B
33
11.4
33
800
0.25
1.0
25.1
45
1N5938B
36
10.4
38
850
0.25
1.0
27.4
41
1N5939B
39
9.6
45
900
0.25
1.0
29.7
38
1N5940B
43
8.7
53
950
0.25
1.0
32.7
34
1N5941B
47
8.0
67
1000
0.25
1.0
35.8
31
1N5942B
51
7.3
70
1100
0.25
1.0
38.8
29
1N5943B
56
6.7
86
1300
0.25
1.0
42.6
26
1N5944B
62
6.0
100
1500
0.25
1.0
47.1
24
1N5945B
68
5.5
120
1700
0.25
1.0
51.7
22
1N5946B
75
5.0
140
2000
0.25
1.0
56.0
20
1N5947B
82
4.6
160
2500
0.25
1.0
62.2
18
1N5948B
91
4.1
200
3000
0.25
1.0
69.2
16
1N5949B
100
3.7
250
3100
0.25
1.0
76.0
15
1N5950B
110
3.4
300
4000
0.25
1.0
83.6
13
1N5951B
120
3.1
380
4500
0.25
1.0
91.2
12
1N5952B
130
2.9
450
5000
0.25
1.0
98.8
11
1N5953B
150
2.5
600
6000
0.25
1.0
114.0
10
1N5954B
160
2.3
700
6500
0.25
1.0
121.6
9.0
1N5955B
180
2.1
900
7000
0.25
1.0
136.8
8.0
1N5956B
200
1.9
1900
9990
0.25
1.0
152.0
7.0
1N5957B
240
1.5
1600
9000
0.25
1.0
182.4
6.0
2 of
TYPE


Similar Part No. - 1N5927B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5927B PANJIT-1N5927B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
First Components Intern...
1N5927B FCI-1N5927B Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
Anova Technologies CO.,...
1N5927B ANOVA-1N5927B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Transys Electronics
1N5927B TRSYS-1N5927B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5927B TAITRON-1N5927B Datasheet
171Kb / 4P
   1.5W Zener Diodes
More results

Similar Description - 1N5927B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5913BP MICROSEMI-1N5913BP Datasheet
226Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
1N5913BG MICROSEMI-1N5913BG Datasheet
227Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
logo
SUNMATE electronic Co.,...
ZPY3.9 SUNMATE-ZPY3.9 Datasheet
103Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
BZX85C2V7 SUNMATE-BZX85C2V7 Datasheet
110Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
ZY3.6 SUNMATE-ZY3.6 Datasheet
115Kb / 2P
   2 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
BZW03C7V5 SUNMATE-BZW03C7V5 Datasheet
90Kb / 2P
   6 Watts Axial Leaded Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5936B AMMSEMI-1N5936B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com