Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU1220 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDU1220
Description  2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R), 5-20P, 15ft Cord, 1U Rack-Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDU1220 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDU1220_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDU1220_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDU1220_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.4kW Single-Phase Basic PDU, 120V Outlets (13
5-15/20R), 5-20P, 15ft Cord, 1U Rack-Mount
MODEL NUMBER: PDU1220
Description
Tripp Lite Basic Power Distribution Units / PDU systems offer reliable rackmount power distribution for critical IT
equipment in wiring closets, server rooms and equipment racks. Supplies continuous power from any protected
UPS, generator or mains input power source. High quality design includes rugged all-metal housing and secure
rackmount installation with included mounting accessories.
Features
2.4kW 20A 120V single phase Basic Power Distribution Unit / PDU
1U horizontal 19 inch rackmount form factor installs in one rack space
NEMA 5-20P 20A 120v input plug with 15 ft. / 4.5m line cord
13 NEMA 5-15/20R outlets (1 front / 12 rear)
Adjustable mounting brackets enable installation in 2 or 4 post racks, plus additional support for wallmount
and under-counter mounting
Mounting ears are reversible for front or rear facing rackmount installation
Optional PDUSIDEBRKT enable 0U vertical installation in compatible racks
Back-panel grounding lug
Specifications
OVERVIEW
Style
Rackmount, Vertical Rackmount, Wallmount/Under-Counter
PDU Type
Basic
OUTPUT
Highlights
Basic single phase 20A 120V
PDU
1U horizontal rackmount
installation
NEMA 5-20P input; 15 ft. / 4.5m
line cord
13 NEMA 5-15/20R outlets (1
front / 12 rear)
Reversible housing; 4.5 in. / 11.4
cm depth
Applications
Multi-outlet power distribution unit
is the ideal means of powering
multiple loads in 19 inch
rackmount, wallmount and
under-counter applications, such
as internetworking, PC systems,
telecommunications, audio/video,
security, sound reinforcement
and more. Ideal for distribution of
UPS, generator or commercially
derived AC power to protected
equipment.
Package Includes
PDU1220 Rackmount Power Strip
Warranty information
Instruction manual
1 / 3


Similar Part No. - PDU1220_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
logo
Tripp Lite. All Rights ...
PDU1220T TRIPPLITE-PDU1220T_15 Datasheet
478Kb / 3P
   2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R) L5-20P, 15ft Cord, 1U Rack-Mount
More results

Similar Description - PDU1220_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU1220T TRIPPLITE-PDU1220T_15 Datasheet
478Kb / 3P
   2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R) L5-20P, 15ft Cord, 1U Rack-Mount
PDU1420T TRIPPLITE-PDU1420T Datasheet
465Kb / 3P
   2.4kW Single-Phase Basic PDU, 120V Outlets (145-15-20R), L5-20P, 15ft Cord, 0U Vertical
PDU1215 TRIPPLITE-PDU1215_15 Datasheet
478Kb / 3P
   1.8kW Single-Phase Basic PDU, 120V Outlets (135-15R), 5-15P, 15ft Cord, 1U Rack-Mount
PDUMH30 TRIPPLITE-PDUMH30 Datasheet
159Kb / 3P
   2.9kW Single-Phase Metered PDU, 120V Outlets (12 5-15/20R), L5-30P, 15ft Cord, 1U Rack-Mount
logo
List of Unclassifed Man...
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
logo
Tripp Lite. All Rights ...
PDUMH20NET2 TRIPPLITE-PDUMH20NET2 Datasheet
163Kb / 4P
   1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDU2430 TRIPPLITE-PDU2430_15 Datasheet
473Kb / 3P
   2.9kW Single-Phase Basic PDU, 120V Outlets (245-15R), L5-30P, 15ft Cord, 1U Rack-Mount
logo
List of Unclassifed Man...
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
logo
Tripp Lite. All Rights ...
PDUMNH20 TRIPPLITE-PDUMNH20 Datasheet
157Kb / 3P
   1.9kW Single-Phase Monitored PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12 ft. (3.66 m) Cord, 1U Rack-Mount, LX Platform Interface, TAA
PDUMH20NET2LX TRIPPLITE-PDUMH20NET2LX Datasheet
162Kb / 4P
   1.9kW Single-Phase Switched PDU, LX Interface, 120V Outlets (8 5-15/20R), NEMA L5-20P/5-20P input, 12 ft. (3.66 m) Cord, 1U Rack, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com