Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856020 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856020
Description  140 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856020 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856020_15 Datasheet HTML 1Page - TriQuint Semiconductor 856020_15 Datasheet HTML 2Page - TriQuint Semiconductor 856020_15 Datasheet HTML 3Page - TriQuint Semiconductor 856020_15 Datasheet HTML 4Page - TriQuint Semiconductor 856020_15 Datasheet HTML 5Page - TriQuint Semiconductor 856020_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
Part Number 856020
140 MHz SAW Filter
Subject to change or obsolescence without notice
Rev E
11/07
© TriQuint Semiconductor
Page 1 of 6
Features
• For broadband applications
• Typical 3dB bandwidth of 65 MHz
• High attenuation
• Single-ended operation
• Ceramic Surface Mount Package (SMP)
• Replaces Sawtek P/N 851948 (BW 3dB=64 MHz)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
Package
Pin Configuration
Surface Mount 9.00 x 7.01 x 1.50 mm
Bottom View
SMP-35B
5
4
10
9
8
7
6
3
2
1
Single-ended Configuration
Pin No.
Description
4
Output
5
Output return
9
Input
10
Input return
1,2,3,6,7,8
Case ground
0.76
9.00
2.54
2.54
1.12
1.02
7.01
1.80
1.50 NOM.
1.65 MAX.
1.02 x 2.54
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width +0.10mm/-0.15mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pb


Similar Part No. - 856020_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856020 TRIQUINT-856020 Datasheet
537Kb / 5P
   140 MHz SAW Filter
More results

Similar Description - 856020_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com