Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856020 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856020
Description  140 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856020 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856020_15 Datasheet HTML 1Page - TriQuint Semiconductor 856020_15 Datasheet HTML 2Page - TriQuint Semiconductor 856020_15 Datasheet HTML 3Page - TriQuint Semiconductor 856020_15 Datasheet HTML 4Page - TriQuint Semiconductor 856020_15 Datasheet HTML 5Page - TriQuint Semiconductor 856020_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
Part Number 856020
140 MHz SAW Filter
Subject to change or obsolescence without notice
Rev E
11/07
© TriQuint Semiconductor
Page 5 of 6
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
Input
1,2,3,5
6,7,8,10
50
27nH
9
4
56nH
50
47pF
33nH
22pF
50
Single-ended
Output
Marking
PCB Footprint
Date code
ID dot
SAWTEK
XXXXXX
856020
1.22
9.19
1.32
1.22
3.76
1.32
1.32
2.07
7.21
The date code consists of: day of the current year (Julian,
3 digits), last digit of the year (1 digit) and hour (2 digits)
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
A
A
Ø1.5
12.0
4.0
Ø1.5
2.0
9.22
7.22
2.2
Section A-A
0.3
16.0
7.5
1.75
Ø13.0
Ø20.2
Ø102
Ø330
16.8
2.7
ID dot
Direction of travel
2.0
Dimensions shown are nominal in millimeters
Packaging quantity: 2000 units/reel


Similar Part No. - 856020_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856020 TRIQUINT-856020 Datasheet
537Kb / 5P
   140 MHz SAW Filter
More results

Similar Description - 856020_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com