Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855954 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855954
Description  380 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855954 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855954_15 Datasheet HTML 1Page - TriQuint Semiconductor 855954_15 Datasheet HTML 2Page - TriQuint Semiconductor 855954_15 Datasheet HTML 3Page - TriQuint Semiconductor 855954_15 Datasheet HTML 4Page - TriQuint Semiconductor 855954_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 855954
380 MHz SAW Filter
Electrical Specifications (1)
Temperature Range: (2)
-30 to +70 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency, f0
-
380
-
MHz
Insertion Loss at 380 MHz
-
9.5
11
dB
3 dB Bandwidth
4.8
7.3
-
MHz
Passband Ripple (4)
378.1 - 381.9 MHz
-
0.65
1.5
dB p-p
Phase Linearity
378 - 382 MHz
-
1.1
4
deg RMS
Relative Attenuation
360 - 373 MHz
387 - 400 MHz
28
28
38
36
-
-
dB
dB
Source Impedance: (5)
-
50
-
Load Impedance: (5)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Passband ripple is the worst case peak to adjacent valley over a frequency range defined by the measured roll off at the passband
edges
5.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
1,3,4
5,7,8
50
18pF
12nH
18pF
62
15nH
50
Subject to change or obsolescence without notice
Rev A
17-Oct-2005
Page 2 of 5


Similar Part No. - 855954_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855954 TRIQUINT-855954 Datasheet
523Kb / 5P
   380 MHz SAW Filter
More results

Similar Description - 855954_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855954 TRIQUINT-855954 Datasheet
523Kb / 5P
   380 MHz SAW Filter
855530 TRIQUINT-855530_15 Datasheet
555Kb / 5P
   380 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0166A TAI-SAW-TB0166A Datasheet
335Kb / 5P
   SAW Filter 380 MHz
TB0165A TAI-SAW-TB0165A Datasheet
324Kb / 5P
   SAW Filter 380 MHz
logo
RF Monolithics, Inc
SF1125A RFM-SF1125A Datasheet
193Kb / 6P
   380 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0198A TAI-SAW-TB0198A Datasheet
638Kb / 5P
   IF SAW Filter 380 MHz
logo
Golledge Electronics Lt...
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
   IF SAW Filter 380 MHz
MA05380 GOLLEDGE-MA05380 Datasheet
176Kb / 4P
   380 MHz IF SAW Filter
logo
Spectrum Microwave, Inc...
SF0380BA02443S SPECTRUM-SF0380BA02443S Datasheet
159Kb / 3P
   380 MHz SAW Filter 3.7 MHz Bandwidth
logo
API Technologies Corp
SF0380BA02443S APITECH-SF0380BA02443S Datasheet
159Kb / 3P
   380 MHz SAW Filter 3.7 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com