Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855898 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855898
Description  374 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855898 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855898_15 Datasheet HTML 1Page - TriQuint Semiconductor 855898_15 Datasheet HTML 2Page - TriQuint Semiconductor 855898_15 Datasheet HTML 3Page - TriQuint Semiconductor 855898_15 Datasheet HTML 4Page - TriQuint Semiconductor 855898_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 855898
374 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-10 to +80 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency, f0
-
374
-
MHz
Minimum Insertion Loss
-
8.5
10.5
dB
3 dB Bandwidth
17
20.5
-
MHz
Relative Attenuation (4)
309 - 352 MHz
352 - 357.5 MHz
390.5 - 392 MHz
392 - 396 MHz
396 - 439 MHz
439 - 454 MHz
40
35
35
35
38
40
50
50
45
40
42
45
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Passband Variation
-
0.5
1.0
dB
Group Delay Variation
-
40
100
nsec
Triple Transit Suppression
30
40
-
dB
Optimal Source Impedance: (5)
-
50
-
Optimal Load Impedance: (5)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Relative to minimum insertion loss
5.
Sawtek’s production specifications reflect the typical performance in a 50 ohm single-ended system. This filter can be used in both
single-ended and/or differential modes at each port. In addition, similar performance can be achieved in source and load
impedances ranging from 50 to 1000.
Test Circuit:
50
Single-ended
1,2,4,5,6,8
50
18pF
37
50
9.5nH
6pF
15nH
Subject to change or obsolescence without notice
Rev C
17-Oct-2005
Page 2 of 5


Similar Part No. - 855898_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855898 TRIQUINT-855898 Datasheet
536Kb / 5P
   374 MHz SAW Filter
More results

Similar Description - 855898_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855898 TRIQUINT-855898 Datasheet
536Kb / 5P
   374 MHz SAW Filter
855653 TRIQUINT-855653 Datasheet
603Kb / 5P
   374 MHz SAW Filter
856466 TRIQUINT-856466_15 Datasheet
562Kb / 5P
   374 MHz SAW Filter
855653 TRIQUINT-855653_15 Datasheet
632Kb / 5P
   374 MHz SAW Filter
856187 TRIQUINT-856187 Datasheet
604Kb / 5P
   374 MHz SAW Filter
856278 TRIQUINT-856278 Datasheet
611Kb / 5P
   374 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0374BA02518S ICST-SF0374BA02518S Datasheet
125Kb / 3P
   374 MHz IF SAW Filter 17 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0530A TAI-SAW-TB0530A Datasheet
270Kb / 7P
   IF SAW Filter 374 MHz (SMD 5.0mmX5.0mm)
logo
API Technologies Corp
SF0374BA02518S APITECH-SF0374BA02518S Datasheet
130Kb / 3P
   374 MHz IF SAW Filter 17 MHz Bandwidth
logo
KR Electronics, Inc.
3243-SMA KR-3243-SMA Datasheet
99Kb / 3P
   374 MHz Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com