Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855817-EVB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 855817-EVB
Description  1960 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855817-EVB Datasheet(HTML) 6 Page - TriQuint Semiconductor

  855817-EVB Datasheet HTML 1Page - TriQuint Semiconductor 855817-EVB Datasheet HTML 2Page - TriQuint Semiconductor 855817-EVB Datasheet HTML 3Page - TriQuint Semiconductor 855817-EVB Datasheet HTML 4Page - TriQuint Semiconductor 855817-EVB Datasheet HTML 5Page - TriQuint Semiconductor 855817-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
855817
1960 MHz SAW Filter
Data Sheet: Rev D 03-05-2014
- 6 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 0A
Value: Passes
≤ 100 V
Test: Electrostatic Discharge Sensitivity Testing,
Human Body Model (HBM) - component level
Standard: ESDA/JEDEC JS-001-2012
ESD Rating: Class A
Value:
Passes ≤ 50 V
Test: Machine Model (MM)
Standard: JEDEC Standard JESD22-A115
Solderability
Compatible with both lead-free (260°C maximum reflow
temperature) and tin/lead (245°C maximum reflow
temperature) soldering processes.
Refer
to
Soldering
Profile
for
recommended
guidelines.
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
Not applicable. Hermetic package.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
For technical questions and application information:
Email: flapplication.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - 855817-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855817 TRIQUINT-855817 Datasheet
75Kb / 2P
   1960 MHz Rx RF Filter
More results

Similar Description - 855817-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856080 TRIQUINT-856080 Datasheet
451Kb / 7P
   1960 MHz SAW Filter
856104 TRIQUINT-856104 Datasheet
457Kb / 6P
   1960 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2001E MURATA-SF2001E Datasheet
656Kb / 5P
   1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF2001E RFM-SF2001E Datasheet
656Kb / 5P
   1960 MHz SAW Filter
logo
TriQuint Semiconductor
855859 TRIQUINT-855859_15 Datasheet
545Kb / 6P
   1960 MHz SAW Filter
856417 TRIQUINT-856417 Datasheet
600Kb / 7P
   1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF2215E RFM-SF2215E Datasheet
945Kb / 5P
   1960 MHz SAW Filter
logo
TriQuint Semiconductor
856531 TRIQUINT-856531_15 Datasheet
422Kb / 5P
   1960 MHz SAW Filter
857145 TRIQUINT-857145_15 Datasheet
415Kb / 6P
   1960 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2215E MURATA-SF2215E Datasheet
945Kb / 5P
   1960 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com