Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8110GR Datasheet(PDF) 9 Page - NEC

Part # UPC8110GR
Description  RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8110GR Datasheet(HTML) 9 Page - NEC

Back Button UPC8110GR Datasheet HTML 4Page - NEC UPC8110GR Datasheet HTML 5Page - NEC UPC8110GR Datasheet HTML 6Page - NEC UPC8110GR Datasheet HTML 7Page - NEC UPC8110GR Datasheet HTML 8Page - NEC UPC8110GR Datasheet HTML 9Page - NEC UPC8110GR Datasheet HTML 10Page - NEC UPC8110GR Datasheet HTML 11Page - NEC UPC8110GR Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Data Sheet P13831EJ1V1DS00
9
µµµµPC8158K
TEST CIRCUIT
UP-CON
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
23
24
25
26
27
28
14
13
12
11
10
9
Voltage
Source
Voltage
Source
Voltage
Source
Voltage Source or
Pulse Pattern Generator
RFout
VCC
Fil1
Fil2
GND
LO2b
LO2in
GND
VCC
LO1in
LO1b
REG
REG
Phase
Shifter
AGCcont
Signal Generator
Signal Generator
or Network
Analyzer
I/Q Signal
Generator
100 pF
100 pF
100 pF
100 pF
I/Q Mixer
LPF
AGC
33 pF
33 pF
330 pF
330 pF
BPF
BPF
Vector Signal
Analyzer or Spectrum
Analyzer
51
51
51
2 pF
TEST CONDITIONS
fLO1in = 178.05 MHz, PLO1in = –15 dBm
fLO2in = 1619.05 MHz, PLO2in = –15 dBm
fRFout = 1441 MHz – fI/Qin


Similar Part No. - UPC8110GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
More results

Similar Description - UPC8110GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
logo
Intersil Corporation
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com