Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855817 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855817
Description  1960 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855817 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855817 Datasheet HTML 1Page - TriQuint Semiconductor 855817 Datasheet HTML 2Page - TriQuint Semiconductor 855817 Datasheet HTML 3Page - TriQuint Semiconductor 855817 Datasheet HTML 4Page - TriQuint Semiconductor 855817 Datasheet HTML 5Page - TriQuint Semiconductor 855817 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
855817
1960 MHz SAW Filter
Data Sheet: Rev D 03-05-2014
- 2 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
(1)
−40 to +85
 °C
Operable Temperature
(2)
−40 to +85
 °C
Notes:
1. Operation of this device outside the parameter ranges
given may cause permanent damage.
2. Specifications are not guaranteed over all operable
conditions.
Electrical Specifications
(1,2,3)
Test conditions unless otherwise noted:
(2)
Temp=
−40
 °C to +85 °C
Parameter
(3)
Conditions
Min
Typ
(4)
Max
Units
Center Frequency
-
1960
-
MHz
Insertion Loss
1930
– 1990 MHz, +25
 °C
1930
– 1990 MHz
-
-
2.1
2.1
3.3
4.5
dB
Passband Ripple
1930
– 1990 MHz, +25
 °C
1930
– 1990 MHz
-
-
1.0
1.6
1.6
2.2
dB p-p
Stopband Attenuation
(relative to zero dB)
10
– 1850 MHz
1850
– 1910 MHz, −30
 °C to +85 °C
1850
– 1910 MHz
2040
– 2100 MHz
2150
– 2210 MHz
2210
– 4000 MHz
20
12
10.3
25
20
15
22
27
27
26
24
25
-
-
-
-
-
-
dB
Input/Output Return Loss
1930
– 1990 MHz
7.4
11
dB
Source Impedance
(4)
single-ended
-
50
-
Ohms
Load Impedance
(4)
single-ended
-
50
-
Ohms
Notes:
1. All specifications are based on the test circuit shown below.
2. Production test is performed at room temp. to a guard-banded specification to ensure electrical compliance over temperature.
3. Electrical margin has been built into the design to account for variation due to temperature drift and manufacturing tolerances.
4. This is the optimum impedance in order to achieve the performance shown.


Similar Part No. - 855817

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855817 TRIQUINT-855817 Datasheet
75Kb / 2P
   1960 MHz Rx RF Filter
More results

Similar Description - 855817

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856080 TRIQUINT-856080 Datasheet
451Kb / 7P
   1960 MHz SAW Filter
856104 TRIQUINT-856104 Datasheet
457Kb / 6P
   1960 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2001E MURATA-SF2001E Datasheet
656Kb / 5P
   1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF2001E RFM-SF2001E Datasheet
656Kb / 5P
   1960 MHz SAW Filter
logo
TriQuint Semiconductor
855859 TRIQUINT-855859_15 Datasheet
545Kb / 6P
   1960 MHz SAW Filter
856417 TRIQUINT-856417 Datasheet
600Kb / 7P
   1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF2215E RFM-SF2215E Datasheet
945Kb / 5P
   1960 MHz SAW Filter
logo
TriQuint Semiconductor
856531 TRIQUINT-856531_15 Datasheet
422Kb / 5P
   1960 MHz SAW Filter
857145 TRIQUINT-857145_15 Datasheet
415Kb / 6P
   1960 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2215E MURATA-SF2215E Datasheet
945Kb / 5P
   1960 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com