Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855782 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 855782
Description  881.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855782 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  855782_15 Datasheet HTML 1Page - TriQuint Semiconductor 855782_15 Datasheet HTML 2Page - TriQuint Semiconductor 855782_15 Datasheet HTML 3Page - TriQuint Semiconductor 855782_15 Datasheet HTML 4Page - TriQuint Semiconductor 855782_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
Part Number 855782
881.5 MHz SAW Filter
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-40
+85
oC
Storage Temperature Range
Tstg
-40
+85
oC
RF Power
Pin
-
+23
dBm
Important Notes
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
RoHS Compliance
• This product complies with EU directive 2002/95/EC (RoHS)
Solderability
• Compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
S-Parameters
RoHS Information
Other Technical Information
Sawtek’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. Sawtek does not accept any liability for
applications, processes, circuits or assemblies, which are implemented using any Sawtek component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: custservice@sawtek.com
Web: www.sawtek.com
Or contact one of our worldwide
Network of sales offices,
representatives or distributors
Pb
Subject to change or obsolescence without notice
Rev B
14-Oct-2005
Page 5 of 5


Similar Part No. - 855782_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855782 TRIQUINT-855782 Datasheet
379Kb / 5P
   881.5 MHz SAW Filter
More results

Similar Description - 855782_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1183B RFM-SF1183B Datasheet
231Kb / 5P
   881.5 MHz SAW Filter
logo
TriQuint Semiconductor
855924 TRIQUINT-855924 Datasheet
441Kb / 5P
   881.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1183B MURATA-SF1183B Datasheet
171Kb / 5P
   881.5 MHz SAW Filter
SF1183E_TD MURATA-SF1183E_TD Datasheet
697Kb / 5P
   881.5 MHz SAW Filter
SF1183G MURATA-SF1183G Datasheet
326Kb / 5P
   881.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0184A TAI-SAW-TA0184A Datasheet
780Kb / 6P
   SAW Filter 881.5 MHz
logo
TriQuint Semiconductor
855728 TRIQUINT-855728 Datasheet
548Kb / 5P
   881.5 MHz SAW Filter
855782 TRIQUINT-855782 Datasheet
379Kb / 5P
   881.5 MHz SAW Filter
logo
Integrated Technology F...
T88151B ITF-T88151B Datasheet
162Kb / 2P
   881.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF1183G RFM-SF1183G Datasheet
326Kb / 5P
   881.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com