Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3367 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3367
Description  SWITCHING P-CHANNEL POWER MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3367 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3367_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet D14257EJ4V0DS
2
2SK3367
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 18 A
7.3
9.0
m
Ω
RDS(on)2
VGS = 4.5 V, ID = 18 A
9.0
12.0
m
Ω
RDS(on)3
VGS = 4.0 V, ID = 18 A
9.7
14.0
m
Ω
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |
VDS = 10 V, ID = 18 A
13
26
S
Drain Leakage Current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
Gate to Source Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
μA
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
2800
pF
Output Capacitance
Coss
880
pF
Reverse Transfer Capacitance
Crss
400
pF
Turn-on Delay Time
td(on)
ID = 18 A, VGS = 10 V, VDD = 15 V,
75
ns
Rise Time
tr
RG = 10
Ω
1130
ns
Turn-off Delay Time
td(off)
165
ns
Fall Time
tf
210
ns
Total Gate Charge
QG
ID = 36 A, VDD = 24 V, VGS = 10 V
49
nC
Gate to Source Charge
QGS
10
nC
Gate to Drain Charge
QGD
14
nC
Body Diode forward Voltage
VF(S-D)
IF = 36 A, VGS = 0 V
0.95
V
Reverse Recovery Time
trr
IF = 36 A, VGS = 0 V
45
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
μs
50
nC
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
ID
Wave Form
VGS
10%
90%
VGS
10%
0
ID
90%
90%
td(on)
tr
td(off)
tf
10%
τ
ID
0
ton
toff
PG.
50
Ω
D.U.T.
RL
VDD
IG = 2 mA


Similar Part No. - 2SK3367_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3367-Z NEC-2SK3367-Z Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3367-Z ISC-2SK3367-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3367-Z RENESAS-2SK3367-Z Datasheet
237Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - 2SK3367_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com