Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ557A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SJ557A
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ557A Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SJ557A_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ557A_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ557A_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ557A_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ557A_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ557A_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ557A_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ557A_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D19059EJ2V0DS
3
2SJ557A
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
FORWARD BIAS SAFE OPERATING AREA
0
20
40
60
80
100
120
0
20
40
60
80 100 120 140 160
TA - Ambient Temperature -
°C
-0.01
-0.1
-1
-10
-100
-0.1
-1
-10
-100
ID(DC)
ID(pulse)
PW
= 1
i
00 μ
s
1
i
m
i
s
1
i
0 m
i
s
1
i
00
m
i
s
5 s
Pow
er
Dis
sip
atio
n L
im
ited
RD
S(o
n)
Lim
ited
(V
GS
= −
10
V)
TC = 25
°C
Single Pulse
Mounted on FR-4 board of
2500 mm
2 x 1.6 mm,
copper foil 100%, t
≤ 5 sec
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Mounted on FR-4 board of 2500 mm
2 x 1.6 mm,
copper foil 100%, t
≤ 5 sec
Single Pulse
Without board
PW - Pulse Width - s
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
-12
-10
-8
-6
-4
-2
0
-2
-1.5
-1
-0.5
0
Pulsed
VGS =
−10 V
−4.5 V
−4.0 V
VDS - Drain to Source Voltage - V
-0.0001
-0.001
-0.01
-0.1
-1
-10
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
VDS =
−10 V
Pulsed
TA =
−25°C
25
°C
75
°C
125
°C
150
°C
VGS - Gate to Source Voltage - V
100
μ
1 m
10 m
100 m
1
10
100
1000
<R>
<R>


Similar Part No. - 2SJ557A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ557A RENESAS-2SJ557A Datasheet
283Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - 2SJ557A_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com