Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR3802 Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRLR3802
Description  High Frequency 3.3V and 5V input Pointof-Load Synchronous Buck Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR3802 Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR3802 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR3802 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR3802 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR3802 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR3802 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR3802 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR3802 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR3802 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR3802 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting T
J = 25°C, L = 1.4mH
RG = 25Ω, IAS = 20A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A.
* When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994.
IRLR/U3802
2014-8-26
10
www.kersemi.com


Similar Part No. - IRLR3802

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3802 IRF-IRLR3802 Datasheet
143Kb / 10P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRLR3802 ISC-IRLR3802 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3802PBF IRF-IRLR3802PBF Datasheet
278Kb / 10P
   HEXFET Power MOSFET
IRLR3802PBF IRF-IRLR3802PBF Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
IRLR3802PBF IRF-IRLR3802PBF_15 Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR3802

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
   High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
logo
International Rectifier
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH8324PBF INFINEON-IRFH8324PBF Datasheet
268Kb / 9P
   Synchronous MOSFET for high frequency buck converters
June 2 2015
logo
International Rectifier
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DPBF IRF-IRFH5302DPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH8311PBF IRF-IRFH8311PBF Datasheet
315Kb / 9P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com