Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNIVSINT1000 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # OMNIVSINT1000
Description  OmniVS 230V 1000VA 500W Line-Interactive UPS,Tower, USB port, C13 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNIVSINT1000 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  OMNIVSINT1000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNIVSINT1000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNIVSINT1000 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNIVSINT1000 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Attractive full color retail packaging
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1000
Output Watt Capacity (Watts)
500
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230V inverter nominal voltage output
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(6) C13
Included Output Power Cables
Includes 2 C13 to C14 output power cables
Hot-Swap PDU options
PDUBHV10 (2U / 8 C13 outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
2.4A
Nominal Input Voltage(s) Supported
230V AC
UPS Input Connection Type
C14 inlet
UPS Input Connection Description
Attached 15cm line cord with C14 inlet. The C14 inlet accepts a user-supplied AC power cord with country specific
plug.
UPS Input Cord Length (ft.)
0.5
UPS Input Cord Length (m)
0.2
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
5 min. (500w)
Half Load Runtime (min.)
12 min. (250w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 9 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC51
Battery Access
Battery access door
2 / 4


Similar Part No. - OMNIVSINT1000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVSINT1500XL TRIPPLITE-OMNIVSINT1500XL Datasheet
490Kb / 5P
   OmniVS 230V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port, C13 Outlets
More results

Similar Description - OMNIVSINT1000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVS1000 TRIPPLITE-OMNIVS1000_15 Datasheet
492Kb / 5P
   OmniVS 120V 1000VA 500W Line-Interactive UPS,Tower, USB port
OMNIVS1000TAA TRIPPLITE-OMNIVS1000TAA Datasheet
522Kb / 5P
   TAA-Compliant OmniVS 120V 1000VA 500W Line-Interactive UPS, Tower, USB port
OMNIVSINT1500XL TRIPPLITE-OMNIVSINT1500XL Datasheet
490Kb / 5P
   OmniVS 230V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port, C13 Outlets
OMNIVSINT800 TRIPPLITE-OMNIVSINT800_15 Datasheet
491Kb / 4P
   OmniVS 230V 800VA 475W Line-Interactive UPS,USB port, C13 Outlets
OMNIX1500XLTAA TRIPPLITE-OMNIX1500XLTAA Datasheet
490Kb / 5P
   TAA-Compliant OmniVS 230V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port, C13 Outlets
logo
List of Unclassifed Man...
OMNIVS1000 ETC2-OMNIVS1000 Datasheet
489Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1000 TRIPPLITE-OMNIVS1000 Datasheet
491Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
logo
List of Unclassifed Man...
OMNIVSINT800 ETC2-OMNIVSINT800 Datasheet
495Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 230V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1500 TRIPPLITE-OMNIVS1500_15 Datasheet
510Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Tower, USB port
OMNIVS800 TRIPPLITE-OMNIVS800_15 Datasheet
495Kb / 5P
   OmniVS 120V 800VA 475W Line-Interactive UPS,Tower, USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com