Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF330 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF330
Description  TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF330 Datasheet(HTML) 6 Page - International Rectifier

  IRF330 Datasheet HTML 1Page - International Rectifier IRF330 Datasheet HTML 2Page - International Rectifier IRF330 Datasheet HTML 3Page - International Rectifier IRF330 Datasheet HTML 4Page - International Rectifier IRF330 Datasheet HTML 5Page - International Rectifier IRF330 Datasheet HTML 6Page - International Rectifier IRF330 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF330
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a.
Basic Gate Charge Waveform
Fig 12c.
Maximum Avalanche Energy
Vs. Drain Current
Fig 12b.
Unclamped Inductive Waveforms
Fig 12a.
Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
10V


Similar Part No. - IRF330

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF330 SAMSUNG-IRF330 Datasheet
208Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF330 FAIRCHILD-IRF330 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 5.5A, 350 V/400V
logo
Intersil Corporation
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Seme LAB
IRF330 SEME-LAB-IRF330 Datasheet
96Kb / 3P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF330 NJSEMI-IRF330 Datasheet
848Kb / 3P
   IRF330-333/IRF730-733 MTM/MTP5N35/5N40 N-Channel Power MOSFETs
More results

Similar Description - IRF330

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRF350 IRF-IRF350 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.300ohm, Id=14A)
IRF360 IRF-IRF360 Datasheet
139Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF340 IRF-IRF340 Datasheet
145Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)0.55ohm, Id=10A)
IRFI360 IRF-IRFI360 Datasheet
210Kb / 8P
   TRANSISTOR N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF430 IRF-IRF430 Datasheet
146Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
IRF460 IRF-IRF460 Datasheet
140Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21)
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com