Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNISMART1400 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # OMNISMART1400
Description  OmniSmart 120V 1400VA 940W Line-Interactive UPS, Tower, USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNISMART1400 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  OMNISMART1400_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNISMART1400_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNISMART1400_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNISMART1400_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNISMART1400_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
8 min. (940w)
Half Load Runtime (min.)
24 min. (470w)
DC System Voltage (VDC)
36
Battery Recharge Rate (Included
Batteries)
Less than 8 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC53
Battery Access
Battery access door
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 75 to 147
Overvoltage Correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 93 and 107 are boosted by 14%
Severe Undervoltage Correction
Input voltages between 75 and 92 are boosted by 30%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
480
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
AC Suppression Joule Rating
480
AC Suppression Response Time
Instantaneous
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
3 / 5


Similar Part No. - OMNISMART1400_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART1400 ETC2-OMNISMART1400 Datasheet
492Kb / 6P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1400 TRIPPLITE-OMNISMART1400 Datasheet
488Kb / 5P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
More results

Similar Description - OMNISMART1400_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNISMART1400 TRIPPLITE-OMNISMART1400 Datasheet
488Kb / 5P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
logo
List of Unclassifed Man...
OMNISMART1400 ETC2-OMNISMART1400 Datasheet
492Kb / 6P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1500 TRIPPLITE-OMNIVS1500_15 Datasheet
510Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Tower, USB port
logo
List of Unclassifed Man...
OMNISMART300PNP ETC2-OMNISMART300PNP Datasheet
497Kb / 6P
   OmniSmart 300VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1050 ETC2-OMNISMART1050 Datasheet
495Kb / 6P
   OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
logo
Tumbler Technologies + ...
OMNISMART500 TRUMPOWER-OMNISMART500 Datasheet
493Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
List of Unclassifed Man...
OMNISMART500 ETC2-OMNISMART500 Datasheet
502Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART300PNP TRIPPLITE-OMNISMART300PNP Datasheet
163Kb / 5P
   OmniSmart 120V 300VA 180W Line-Interactive UPS, Tower, USB port
OMNISMART1050 TRIPPLITE-OMNISMART1050_15 Datasheet
492Kb / 5P
   OmniSmart 120V 1050VA 705W Line-Interactive UPS, Tower, USB port
OMNISMART1050 TRIPPLITE-OMNISMART1050 Datasheet
492Kb / 5P
   OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com