Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855596-EVB Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 855596-EVB
Description  320 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855596-EVB Datasheet(HTML) 4 Page - TriQuint Semiconductor

  855596-EVB Datasheet HTML 1Page - TriQuint Semiconductor 855596-EVB Datasheet HTML 2Page - TriQuint Semiconductor 855596-EVB Datasheet HTML 3Page - TriQuint Semiconductor 855596-EVB Datasheet HTML 4Page - TriQuint Semiconductor 855596-EVB Datasheet HTML 5Page - TriQuint Semiconductor 855596-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
855596
320 MHz SAW Filter
Data Sheet: Rev - 06/14/11
- 4 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance (at room temperature)


Similar Part No. - 855596-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855590 TRIQUINT-855590 Datasheet
66Kb / 1P
   201 MHz Bandpass Filter
More results

Similar Description - 855596-EVB

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
TEMEX
SRB232 TEMEX-SRB232 Datasheet
253Kb / 4P
   Ultra Low Noise SAW Oscillator @ 320 MHz
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com