Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ44NS Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFZ44NS
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFZ44NS Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFZ44NS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFZ44NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFZ44NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFZ44NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFZ44NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFZ44NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFZ44NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFZ44NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFZ44NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ44NS
IRFZ44NL
l Advanced Process Technology
l Surface Mount (IRFZ44NS)
l Low-profile through-hole (IRFZ44NL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
The D2Pak is a surface mount power package capable of
accommodatingdiesizesuptoHEX-4.Itprovidesthehighest
power capability and the lowest possible on-resistance in
any existing surface mount package. The D2Pak is suitable
for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a
typical surface mount application.
The through-hole version (IRFZ44NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.0175Ω
ID = 49A
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.5
RθJA
Junction-to-Ambient
–––
40
°C/W
Thermal Resistance
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
49
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
35
A
IDM
Pulsed Drain Current

160
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
94
W
Linear Derating Factor
0.63
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

25
A
EAR
Repetitive Avalanche Energy

9.4
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
TO-263
TO-262
2014-8-30
1
www.kersemi.com


Similar Part No. - IRFZ44NS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFZ44NS PHILIPS-IRFZ44NS Datasheet
70Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
logo
International Rectifier
IRFZ44NS IRF-IRFZ44NS Datasheet
151Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
logo
Inchange Semiconductor ...
IRFZ44NS ISC-IRFZ44NS Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Tiger Electronic Co.,Lt...
IRFZ44NS TGS-IRFZ44NS Datasheet
117Kb / 1P
   55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFZ44NS UMW-IRFZ44NS Datasheet
842Kb / 7P
   60V N-Channel MOSFET
More results

Similar Description - IRFZ44NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com