Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3303 Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3303
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3303 Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU3303 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3303 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3303 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3303 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3303 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3303 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3303 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3303 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU3303 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
VDS
L
D.U.T.
VDD
IAS
tp
0.01
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
10 V
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 13b. Gate Charge Test Circuit
10 V
25
50
75
100
125
150
0
50
100
150
200
Starting T , Junction Temperature
( C)
J
°
ID
TOP
BOTTOM
8.0A
11A
18A
IRFR/U3303
2014-8-15
6
www.kersemi.com


Similar Part No. - IRFU3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3303 IRF-IRFU3303 Datasheet
112Kb / 10P
   HEXFET Power MOSFET
IRFU3303PBF IRF-IRFU3303PBF Datasheet
251Kb / 10P
   HEXFET Power MOSFET
IRFU3303PBF IRF-IRFU3303PBF Datasheet
256Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFU3303PBF KERSEMI-IRFU3303PBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
More results

Similar Description - IRFU3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com