Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3D Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # US3D
Description  3.0A Surface Mount Ultra-Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

US3D Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  US3D Datasheet HTML 1Page - SUNMATE electronic Co., LTD US3D Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
250 C/10 seconds
US3A-US3M
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
·
·
1of2
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Plastic package has underwrites laboratory flammability
Classification 94V-0
Glass passivated chip junction
Built-in strain relief,
Fast switching speed for high efficiency
High temperature soldering guaranteed:
3.0A Surface Mount Ultra-Fast Rectifier
Case: JEDED DO-214AB transfer molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce, 0.25 gram
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS
US3A
US3B
US3D
US3G
US3J
US3K
US3M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
At TL=105
(NOTE 1)
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.0
1.3
1.7
Volts
TA = 25
10
Maximum DC Reverse Current
at rated DC Blocking Voltage at
TA = 125
IR
200
A
Maximum Reverse Recovery Time
Test conditions IF =0.5A, IR =1.0A, IRR =0.25A
trr
50
100
nS
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
80
50
pF
RθJA
55
Typical Thermal Resistance (Note 1)
RθJL
17
/W
Operating Junction Temperature
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Thermal resistance from Junction to ambient and from junction to lead mounted on
P.C.B. with 0.3×0.3″(8.0 × 8.0mm) copper pad areas.


Similar Part No. - US3D

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US3D DGNJDZ-US3D Datasheet
106Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Sunrise Electr...
US3D SSE-US3D Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
SAMYANG ELECTRONICS CO....
US3D SAMYANG-US3D Datasheet
511Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
DIOTEC Electronics Corp...
US3D DEC-US3D Datasheet
884Kb / 2P
   Low reverse leakage
logo
Diotec Semiconductor
US3D DIOTEC-US3D Datasheet
143Kb / 2P
   Ultrafast Recovery SMD Rectifier Diodes
More results

Similar Description - US3D

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
50Kb / 3P
   3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Gaomi Xinghe Electronic...
US3AF GXELECTRONICS-US3AF Datasheet
442Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com