Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855107 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 855107
Description  70 MHz Bandpass Filter 1.228 MHz Bandwdith
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855107 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  855107_15 Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-25
-20
-15
-10
-5
0
5
10
15
20
25
MHz
dB
MHz
MHz
MHz
MHz
dB
deg
dB
dB
-
°C
-
-
-
70.63
69.25
-
-
-
50
30
-
-5
70
19
69.355
70.645
69.263
70.737
0.6
2
55
40
Quartz
25
-
22
69.37
-
-
70.75
0.7
5
-
-
-
65
Center Frequency
Insertion Loss at F
o
Lower 1.5 dB Point
Upper 1.5 dB Point
Lower 35 dB Point
Upper 35 dB Point
Passband Ripple
Phase Linearity1
Ultimate Rejection @
± 0.900 MHz
Triple Transit Suppression
Substrate Material
Temperature Range
Unit
Minimum
Typical
Maximum
Parameter
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
67.5 68 68.5 69 69.5 70 70.5 71 71.5 72 72.5
Data Sheet
Typical Performance
Specifications
Package Outline
Matching Configuration
Sawtek Inc.
Telephone: (407) 886-8860
Fax:
(407) 886-7061
Note1) Deviation From Linear Over Center 1.23 MHz Bandwidth
L1
≈ 280 nH , L2 ≈ 280 nH , C1 = 12 pF
C2 = 22 pF, C3 = 22 pF, C4 = 12 pF
Nominal Source/Load Impedance = 50
Package Style V
11/30/99
1.228 MHz Bandwdith
Part Number 855107
70 MHz Bandpass Filter
Vertical: 10 dB/Div
Horizontal: 500 kHz/Div
Vertical: 1 dB/Div
Vertical: 5 deg/Div
Horizontal: 150 kHz/Div


Similar Part No. - 855107_15

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85510-5017 MOLEX9-85510-5017 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
85510-5018 MOLEX9-85510-5018 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/4, Solder Tabs
85510-5019 MOLEX9-85510-5019 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/6, Solder Tabs
85510-5020 MOLEX9-85510-5020 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 8/8, Solder Tabs
85510-5025 MOLEX9-85510-5025 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
More results

Similar Description - 855107_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854657 TRIQUINT-854657 Datasheet
46Kb / 1P
   70 MHz Bandpass filter
logo
KR Electronics, Inc.
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
   70 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
   70 MHz Bandpass Filter
2657-SMA KR-2657-SMA Datasheet
99Kb / 3P
   70 MHz Bandpass Filter
3135-70-40 KR-3135-70-40 Datasheet
103Kb / 3P
   70 MHz Bandpass Filter
3218-70 KR-3218-70 Datasheet
63Kb / 3P
   70 MHz Bandpass Filter
3218-130 KR-3218-130 Datasheet
63Kb / 3P
   70 MHz Bandpass Filter
2810 KR-2810 Datasheet
49Kb / 2P
   70 MHz bandpass filter
2818 KR-2818 Datasheet
50Kb / 2P
   70 MHz bandpass filter
2818-1 KR-2818-1 Datasheet
371Kb / 2P
   70 MHz bandpass filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com