Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK5B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SK5B
Description  5.0A Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SK5B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SK5B Datasheet HTML 1Page - SUNMATE electronic Co., LTD SK5B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
o
RATING AND CHARACTERISTIC CURVES ( SK52 - SK5B )
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
10
20
40
100
LEAD TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2 f 2
4
3
2
1
5
120
0
150
0
90
60
30
10
1.0
80
0.01
0.1
0
20
40
6
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ= 100
°C
TJ = 25
°C
SK52
SK53
SK54
SK55
THRU
SK5B
1.0
0.1
10
FORWARD VOLTAGE, VOLTS
20
SK55
SK56
SK57
TJ = 25
°C
PULSE WIDTH = 300
µs
DUTY CYCLE = 2%
SK52
SK53
SK54
SK58
SK59
SK5B


Similar Part No. - SK5B

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
SK5B SYNSEMI-SK5B Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SK5B GOOD-ARK-SK5B Datasheet
770Kb / 5P
   Surface Mount Schottky Rectifier
logo
First Silicon Co., Ltd
SK5B FS-SK5B Datasheet
360Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK5B5A GOOD-ARK-SK5B5A Datasheet
768Kb / 5P
   Surface Mount Schottky Rectifier
SK5B5B GOOD-ARK-SK5B5B Datasheet
433Kb / 5P
   Surface Mount Schottky Rectifier
More results

Similar Description - SK5B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B520CQ DIODES-B520CQ Datasheet
431Kb / 5P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
January 2016
B520C-13 DIODES-B520C-13 Datasheet
293Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B540C-13 DIODES-B540C-13 Datasheet
167Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B520C DIODES-B520C Datasheet
48Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
B520C DIODES-B520C_10 Datasheet
97Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
B520C DIODES-B520C_15 Datasheet
293Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B520C_ DIODES-B520C_ Datasheet
426Kb / 3P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
logo
SUNMATE electronic Co.,...
SS52 SUNMATE-SS52 Datasheet
98Kb / 2P
   5.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B520CE DIODES-B520CE Datasheet
478Kb / 5P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
December 2019 Rev. 3 - 3
logo
Won-Top Electronics
SD520S WTE-SD520S Datasheet
43Kb / 3P
   5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com