Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8104GR Datasheet(PDF) 1 Page - NEC

Part # UPC8104GR
Description  RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8104GR Datasheet(HTML) 1 Page - NEC

  UPC8104GR Datasheet HTML 1Page - NEC UPC8104GR Datasheet HTML 2Page - NEC UPC8104GR Datasheet HTML 3Page - NEC UPC8104GR Datasheet HTML 4Page - NEC UPC8104GR Datasheet HTML 5Page - NEC UPC8104GR Datasheet HTML 6Page - NEC UPC8104GR Datasheet HTML 7Page - NEC UPC8104GR Datasheet HTML 8Page - NEC UPC8104GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC8158K
RF UP-CONVERTER WITH AGC FUNCTION + IF QUADRATURE MODULATOR IC
FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
1998
©
Document No. P13831EJ1V1DS00 (1st edition)
Date Published January 1999 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
DESCRIPTION
The
µPC8158K is a silicon microwave monolithic integrated circuit designed as quadrature modulator for digital
mobile communication systems. This MMIC consists of 0.8 GHz to 1.5 GHz up-converter and 100 MHz to 300 MHz
quadrature modulator which are equipped with AGC and power save functions.
This configuration suits to IF
modulation system. The package is 28-pin QFN suitable for high density mounting. The chip is manufactured using
NEC’s.
20 GHz fT silicon bipolar process NESAT
TM
III to realize low power consumption.
Consequently the
µPC8158K can contribute to make RF blocks smaller size, higher performance and lower power consumption.
FEATURES
Supply voltage: VCC = 2.7 to 4.0 V, ICC = 28 mA @ VCC = 3.0 V
Built-in LPF suppresses spurious multipled by TX local (LO1)
AGC amplifier is installed in local port of up converter: GCR = 35 dB MIN. @ fout = 1.5 GHz
Excellent performance: Padj = –65 dBc TYP. @
∆f = ±50 kHz, EVM = 1.2 % rms TYP.
External IF filter can be applied between modulator output and up converter input terminal.
APPLICATIONS
Digital cellular phones (PDC800M, PDC1.5G and so on)
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPC8158K-E1
28-pin plastic QFN
(5.1
× 5.5 × 0.95 mm)
Embossed tape 12 mm wide.
Pin 1 is in pull-out direction.
QTY 2.5 kp/Reel.
Remark To order evaluation samples, please contact your local NEC sales office. (Part number for sample order:
µPC8158K)
Caution
Electro-static sensitive device


Similar Part No. - UPC8104GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8104GR NEC-UPC8104GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8104GR NEC-UPC8104GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8104GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
logo
Intersil Corporation
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com