Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP88N055KHE-E1-AYNote1 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NP88N055KHE-E1-AYNote1
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP88N055KHE-E1-AYNote1 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NP88N055KHE-E1-AYNote1 Datasheet HTML 4Page - Renesas Technology Corp NP88N055KHE-E1-AYNote1 Datasheet HTML 5Page - Renesas Technology Corp NP88N055KHE-E1-AYNote1 Datasheet HTML 6Page - Renesas Technology Corp NP88N055KHE-E1-AYNote1 Datasheet HTML 7Page - Renesas Technology Corp NP88N055KHE-E1-AYNote1 Datasheet HTML 8Page - Renesas Technology Corp NP88N055KHE-E1-AYNote1 Datasheet HTML 9Page - Renesas Technology Corp NP88N055KHE-E1-AYNote1 Datasheet HTML 10Page - Renesas Technology Corp NP88N055KHE-E1-AYNote1 Datasheet HTML 11Page - Renesas Technology Corp NP88N055KHE-E1-AYNote1 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet D14148EJ8V0DS
6
NP88N055EHE, NP88N055KHE, NP88N055CHE, NP88N055DHE, NP88N055MHE, NP88N055NHE
Figure12. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -
°C
Figure13. SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
Figure14. CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
Figure15. SWITCHING CHARACTERISTICS
0
−50
2
1
4
3
6
5
0
50
100
150
ID = 44 A
Figure16. REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
8
7
9
Figure17. DYNAMIC INPUT/OUTPUT CHARACTERISTICS
VGS = 10 V
1.0
0
1.5
VF(S-D) - Source to Drain Voltage - V
0.5
Pulsed
VGS = 10 V
0 V
0.1
1
10
100
1000
VDS - Drain to Source Voltage - V
ID - Drain Current - A
10
1
1
0.1
100
0.1
1000
10000
100000
1
10
100
VGS = 0 V
f = 1 MHz
100
1000
10
100
Coss
Crss
tf
tr
td(on)
td(off)
Ciss
IF - Diode Forward Current - A
di/dt = 100 A/
μs
VGS = 0 V
1
0.1
10
1.0
10
100
QG - Gate Charge - nC
0
40
60
20
80
100
120
140 160
20
40
60
80
100
2
0
4
VDS
1000
100
6
8
10
VGS
VDD = 44 V
ID = 88 A
VDD = 28 V
VGS = 10 V
RG = 1
Ω


Similar Part No. - NP88N055KHE-E1-AYNote1

ManufacturerPart #DatasheetDescription
logo
NEC
NP88N055KHE-E1-AY NEC-NP88N055KHE-E1-AY Datasheet
207Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP88N055KHE-E1-AY RENESAS-NP88N055KHE-E1-AY Datasheet
294Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP88N055KHE-E1-AYNote1

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com