Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP80N055KHE-E2-AYNote1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP80N055KHE-E2-AYNote1
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N055KHE-E2-AYNote1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP80N055KHE-E2-AYNote1 Datasheet HTML 1Page - Renesas Technology Corp NP80N055KHE-E2-AYNote1 Datasheet HTML 2Page - Renesas Technology Corp NP80N055KHE-E2-AYNote1 Datasheet HTML 3Page - Renesas Technology Corp NP80N055KHE-E2-AYNote1 Datasheet HTML 4Page - Renesas Technology Corp NP80N055KHE-E2-AYNote1 Datasheet HTML 5Page - Renesas Technology Corp NP80N055KHE-E2-AYNote1 Datasheet HTML 6Page - Renesas Technology Corp NP80N055KHE-E2-AYNote1 Datasheet HTML 7Page - Renesas Technology Corp NP80N055KHE-E2-AYNote1 Datasheet HTML 8Page - Renesas Technology Corp NP80N055KHE-E2-AYNote1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
NP80N055EHE, NP80N055KHE
NP80N055CHE, NP80N055DHE, NP80N055MHE, NP80N055NHE
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D14096EJ7V0DS00 (7th edition)
Date Published October 2007 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2002, 2007
DESCRIPTION
These products are N-channel MOS Field Effect Transistors designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP80N055EHE-E1-AY
Note1, 2
NP80N055EHE-E2-AY
Note1, 2
TO-263 (MP-25ZJ) typ. 1.4 g
NP80N055KHE-E1-AY
Note1
NP80N055KHE-E2-AY
Note1
Pure Sn (Tin)
Tape 800 p/reel
TO-263 (MP-25ZK) typ. 1.5 g
NP80N055CHE-S12-AZ
Note1, 2
Sn-Ag-Cu
TO-220 (MP-25) typ. 1.9 g
NP80N055DHE-S12-AY
Note1, 2
TO-262 (MP-25 Fin Cut) typ. 1.8 g
NP80N055MHE-S18-AY
Note1
TO-220 (MP-25K) typ. 1.9 g
NP80N055NHE-S18-AY
Note1
Pure Sn (Tin)
Tube 50 p/tube
TO-262 (MP-25SK) typ. 1.8 g
Notes 1. Pb-free (This product does not contain Pb in the external electrode.)
2. Not for new design
FEATURES
• Channel temperature 175 degree rated
• Super low on-state resistance
RDS(on) = 11 m
Ω MAX. (VGS = 10 V, ID = 40 A)
• Low input capacitance
Ciss = 2400 pF TYP.
• Built-in gate protection diode
(TO-220)
(TO-262)
(TO-263)
<R>


Similar Part No. - NP80N055KHE-E2-AYNote1

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N055KHE-E2-AY NEC-NP80N055KHE-E2-AY Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N055KHE-E2-AY RENESAS-NP80N055KHE-E2-AY Datasheet
299Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP80N055KHE-E2-AYNote1

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com