Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU10000RT3U2TF Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SU10000RT3U2TF
Description  SmartOnline 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 10U Vertical Rack-Tower, USB, DB9 Serial Bypass Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU10000RT3U2TF Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SU10000RT3U2TF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU10000RT3U2TF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU10000RT3U2TF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU10000RT3U2TF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU10000RT3U2TF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU10000RT3U2TF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Nominal Output Voltage(s)
Supported
120V; 208V
Nominal Voltage Details
Voltage selection via front panel LCD interface; This configuration requires the Power Module be set to 208V output
voltage; Included step-down transformers support 120V output
Frequency Compatibility
60 Hz
Frequency Compatibility Details
Output frequency regulation +/- 0.05Hz (free running)
Output Voltage Regulation (Line
Mode)
+/- 2%
Output Voltage Regulation
(Economy Line Mode)
+/- 10%
Output Voltage Regulation (Battery
Mode)
+/- 2%
Output Receptacles
(24) 5-15/20R; (4) L6-20R; (2) L6-30R
Output Circuit Breakers
20A double-pole (x2) protects 2 L6-20R outlets each, 30A double-pole (x2) protects 1 L6-30R outlets each, 20A
single-pole (x8) protect 3 5-15/20R outlets each
Output AC Waveform (AC Mode)
Pure Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
54A (208V)
Nominal Input Voltage(s) Supported
208V AC
UPS Input Connection Type
Hardwire
UPS Input Connection Description
3 wire single phase input (L1, L2, G)
Recommended Electrical Service
60A
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
4.3 min. (9000w)
Half Load Runtime (min.)
12.5 min. (4500w)
Expandable Battery Runtime
Supports extended runtime with optional external battery packs
External Battery Pack Compatibility
BP240V10RT3U ; BP240V557C-1PH ; BP240V787C-1PH ; BP240V1037C-1PH ; BP240V1407C-1PH
DC System Voltage (VDC)
240
Battery Recharge Rate (Included
Batteries)
Less than 6 hours from 10% to 90% (typical, full load discharge)
Battery Replacement Description
Hot-swappable, user replaceable external battery packs
VOLTAGE REGULATION
Voltage Regulation Description
2% output voltage regulation in standard online, double-conversion mode
Overvoltage Correction
Corrects overvoltages up to 300V
3 / 6


Similar Part No. - SU10000RT3U2TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU10000RT3U ETC2-SU10000RT3U Datasheet
553Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
logo
Tripp Lite. All Rights ...
SU10000RT3UG TRIPPLITE-SU10000RT3UG Datasheet
550Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, C19 Outlets
SU10000RT3UPM TRIPPLITE-SU10000RT3UPM Datasheet
492Kb / 3P
   SmartOnline 200-240V 10kVA 9kW UPS Spare - Redundant Power Module, 3U Rack-Tower
SU10000RT3UTAA TRIPPLITE-SU10000RT3UTAA Datasheet
201Kb / 6P
   SmartOnline 208/240V 10kVA On-Line UPS ??Double Conversion, 9kW, 6U, Network Card Option, TAA Compliant
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
More results

Similar Description - SU10000RT3U2TF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
SU10KRT3U TRIPPLITE-SU10KRT3U_15 Datasheet
555Kb / 6P
   SmartOnline 240-120V or 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U, USB, DB9 Serial, Hardwire
SU5000RT4UTF TRIPPLITE-SU5000RT4UTF Datasheet
518Kb / 6P
   SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
SU5000RT3U TRIPPLITE-SU5000RT3U_15 Datasheet
533Kb / 6P
   SmartOnline 208/120V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 7U Rack/Tower, USB, DB9 Serial
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
SU12000RT4U TRIPPLITE-SU12000RT4U Datasheet
550Kb / 6P
   SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
SU10KRT3UHV TRIPPLITE-SU10KRT3UHV_15 Datasheet
538Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U, Hardwired, Bypass Switch
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SU1500XL TRIPPLITE-SU1500XL_15 Datasheet
521Kb / 5P
   SmartOnline 100-120V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com