Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU8000RT4U Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SU8000RT4U
Description  SmartOnline 240/208/120V 8kVA 5.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack-Tower, Split-Phase input, Bypass Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU8000RT4U Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SU8000RT4U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU8000RT4U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU8000RT4U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU8000RT4U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU8000RT4U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU8000RT4U_15 Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4U all-in-one high power density housing supports rackmount installation in only 4 rack spaces
Dual conversion UPS actively converts raw input from AC to DC, then back to perfect sine wave AC output with enhanced protection from harmonic
distortion, fast electrical impulses and other hard-to-solve power problems not addressed by other UPS types
Hardwire input/output connections and output receptacles are mounted on a detachable backplate with manual bypass switch to enable hot-swappable
UPS replacement without powering off connected equipment
Provides perfectly regulated, sine wave output power free of line noise, transient surges and frequency variation for the most efficient operation of critical
servers, networking and telecommunications equipment
Maintains output within 3% of selected 208/120 or 240/120V nominal voltage during brownouts and overvoltages
Supports connected equipment during blackouts for 12/5 minutes at half/full load levels, runtime is further expandable with optional external battery packs
Some external battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
Network interfaces support simultaneous communications via DB9 port, USB port and SNMPWEBCARD slot. DB9 port supports RS-232 and dry contact
messaging. HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X.
Included PowerAlert UPS monitoring software supports safe unattended shutdown, monitoring and control via local connected servers, plus any number
of additional servers over IP
Communications ports support on-battery, low-battery, power-restored, AC-voltage, DC-voltage, output current monitoring, battery charge current, battery
capacity, AC line frequency, timed inverter shutoff, activate self-test and output power control
Built-in Emergency Power Off (EPO) interface with cable
Includes hardwire output and 8 output receptacles (2 L6-30R, 2 L6-20R, 4 NEMA 5-15/20R), all of which are available for simultaneous use
Split phase, 4 conductor hardwire connection (featured on included detachable PDU).
Front panel LEDs and LCD readout with scroll button enables visual confirmation of all major UPS functions and current site electrical conditions
Front panel switches enable power on/off control, self-test and alarm cancel functions
Included adjustable mounting rails support installation in 4 post 19 inch rack enclosures
Optional 2-9USTAND set of tower stands supports upright tower installation
Optional 2POSTRMKITHD accessory enables 2 post rackmount installation
Fault tolerant electronic bypass maintains utility output during a variety of UPS fault conditions
$250,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
Specifications
OUTPUT
Output Capacity Details
8,000VA / 5600W (240V), 7200VA / 5600W (208V); Supports up to 105% load continuously in double conversion
mode, 106 to 125% for 3 minutes, 126 to 150% for 30 seconds; Loads over 150% trigger immediate bypass mode
operation to support equipment directly from mains power; Double conversion mode is automatically restored as
the overload is cleared
Output Volt Amp Capacity (VA)
8000
Output kVA Capacity (kVA)
8
Output Watt Capacity (Watts)
5600
Output kW Capacity (kW)
5.6
Power Factor
0.7
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
120V; 208V; 240V
2 / 6


Similar Part No. - SU8000RT4U_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU8000RT4U ETC2-SU8000RT4U Datasheet
520Kb / 7P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 4U Rack/Tower, 208/120V or 240/120V NEMA & Hardwire outputs, Split phase input
More results

Similar Description - SU8000RT4U_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU6000RT4U TRIPPLITE-SU6000RT4U_15 Datasheet
549Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 4U Rack/Tower, Bypass Switch
SU5000RT4U TRIPPLITE-SU5000RT4U Datasheet
543Kb / 6P
   SmartOnline 208/120V or 240/120V 5kVA 3.8kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 4U Rack/Tower, Bypass Switch
SU8000RT3UN50TF TRIPPLITE-SU8000RT3UN50TF Datasheet
544Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Hubbell 50A CS8265, 6U Rack/Tower,Bypass Switch, 208/120V Outlets
logo
List of Unclassifed Man...
SU8000RT4U ETC2-SU8000RT4U Datasheet
520Kb / 7P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 4U Rack/Tower, 208/120V or 240/120V NEMA & Hardwire outputs, Split phase input
logo
Tripp Lite. All Rights ...
SU6000RT4UTF TRIPPLITE-SU6000RT4UTF Datasheet
551Kb / 7P
   SmartOnline 240/208/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Low-Voltage Transformer,Extended Run, SNMP, Webcard, 6U Rack/Tower,Bypass Switch
SU8000RT3UHW TRIPPLITE-SU8000RT3UHW_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, Hardwire
SU8000RT3UN50 TRIPPLITE-SU8000RT3UN50 Datasheet
538Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Hubbell 50A CS8265, 6U Rack/Tower Bypass Switch, 200-240V Outlets
SU8000RT3UG TRIPPLITE-SU8000RT3UG Datasheet
548Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, C19 Outlets
SU10000RT3U2TF TRIPPLITE-SU10000RT3U2TF Datasheet
545Kb / 6P
   SmartOnline 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 10U Vertical Rack-Tower, USB, DB9 Serial Bypass Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com