Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU8000RT3UHW Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SU8000RT3UHW
Description  SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, Hardwire
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU8000RT3UHW Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SU8000RT3UHW_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU8000RT3UHW_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU8000RT3UHW_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU8000RT3UHW_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU8000RT3UHW_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU8000RT3UHW_15 Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
200V; 208V; 220V; 230V; 240V
Nominal Voltage Details
Voltage selection via front panel LCD interface
Frequency Compatibility
50 / 60 Hz; Supports 50 to 60 Hz and 60 to 50 Hz conversion
Frequency Compatibility Details
Output frequency matches input nominal on startup; Frequency conversion mode enables conversion of 60Hz to
50Hz or 50Hz to 60Hz (no de-rating)
Output Voltage Regulation (Line
Mode)
+/- 2%
Output Voltage Regulation
(Economy Line Mode)
+/- 10%
Output Voltage Regulation (Battery
Mode)
+/- 2%
Output Receptacles
Hardwire
Output Receptacle Details
Supports North American 208/240V* output (L1,L2,G) and International 230/220/240V (L,N,PE) hardwire output;
*For 120V output with 208/240V (L1,L2,G) input wiring, use optional SU6000XFMR2U transformer
Output AC Waveform (AC Mode)
Pure Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
46A (200V), 44.2A (208V), 41.8A (220V), 40A (230V), 38.3A (240V)
Nominal Input Voltage(s) Supported
200V AC; 208V AC; 220V AC; 230V AC; 240V AC
UPS Input Connection Type
Hardwire
UPS Input Connection Description
Supports North American 208/240V input (L1,L2,G) and International 230/220/240V (L,N,PE) input wiring
Recommended Electrical Service
50A
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
5.5 min. (7200w)
Half Load Runtime (min.)
13.5 min. (3600w)
Expandable Battery Runtime
Supports extended runtime with optional external battery packs
External Battery Pack Compatibility
BP240V10RT3U ; BP240V557C-1PH ; BP240V787C-1PH ; BP240V1037C-1PH ; BP240V1407C-1PH
DC System Voltage (VDC)
240
Battery Recharge Rate (Included
Batteries)
Less than 6 hours from 10% to 90% (typical, full load discharge)
Battery Replacement Description
Hot-swappable, user replaceable external battery packs
VOLTAGE REGULATION
Voltage Regulation Description
2% output voltage regulation in standard online, double-conversion mode
3 / 6


Similar Part No. - SU8000RT3UHW_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU8000RT3UHW ETC2-SU8000RT3UHW Datasheet
549Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
logo
Tripp Lite. All Rights ...
SU8000RT3UHW TRIPPLITE-SU8000RT3UHW Datasheet
183Kb / 7P
   SmartOnline 208/240, 230V 8kVA 7.2kW Double-Conversion UPS, 6U Rack/Tower, Extended Run, Network Card Options, USB, DB9, Bypass Switch, Hardwire
More results

Similar Description - SU8000RT3UHW_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU8000RT3UG TRIPPLITE-SU8000RT3UG Datasheet
548Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, Bypass Switch, C19 Outlets
SU8000RT3U TRIPPLITE-SU8000RT3U_15 Datasheet
533Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU8000RT3UN50 TRIPPLITE-SU8000RT3UN50 Datasheet
538Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Hubbell 50A CS8265, 6U Rack/Tower Bypass Switch, 200-240V Outlets
SU6000RT3UHV TRIPPLITE-SU6000RT3UHV_15 Datasheet
527Kb / 6P
   SmartOnline 200-240V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, DB9 Serial, Hardwire
SU6000RT3UHVXL TRIPPLITE-SU6000RT3UHVXL Datasheet
522Kb / 5P
   SmartOnline 200-240V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, DB9 Serial, Hardwire
logo
List of Unclassifed Man...
SU8000RT3UHW ETC2-SU8000RT3UHW Datasheet
549Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
logo
Tripp Lite. All Rights ...
SU10KRT3UHV TRIPPLITE-SU10KRT3UHV_15 Datasheet
538Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U, Hardwired, Bypass Switch
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
SU8000RT3UN50TF TRIPPLITE-SU8000RT3UN50TF Datasheet
544Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Hubbell 50A CS8265, 6U Rack/Tower,Bypass Switch, 208/120V Outlets
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com