Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRF1010E Datasheet(PDF) 1 Page - International Rectifier

Part No. IRF1010E
Description  Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A⑦
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

   
 1 page
background image
IRF1010E
HEXFET® Power MOSFET
3/16/01
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 12mΩ
ID = 84A
‡
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts.
The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
PD - 91670
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
84
‡
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
59
A
IDM
Pulsed Drain Current

330
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.4
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

50
A
EAR
Repetitive Avalanche Energy

17
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SBF50P10-023LRAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL 1 2 3 Sensitron
IRF1010ESPower MOSFET Vdss=60V Rds on =12mohm Id=84A⑦ 1 2 3 4 5 MoreInternational Rectifier
SHD224701LOW RDS HERMETIC POWER MOSFET - N-CHANNEL 1 2 Sensitron
SHD225701LOW RDS HERMETIC POWER MOSFET - N-CHANNEL 1 2 Sensitron
SHD244702LOW RDS HERMETIC POWER MOSFET - P-CHANNEL 1 2 3 Sensitron
IPS0551TFULLY PROTECTED POWER MOSFET SWITCH 1 2 3 4 5 MoreInternational Rectifier
SSH6N90AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFD1201.3A 100V 0.300 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
DE275-501N16RF Power MOSFET 1 2 3 IXYS Corporation
MMDF6N02HDDUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl