Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N2522FP-E0-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H5N2522FP-E0-E
Description  250V - 12A - MOS FET High Speed Power Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2522FP-E0-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  H5N2522FP-E0-E_15 Datasheet HTML 1Page - Renesas Technology Corp H5N2522FP-E0-E_15 Datasheet HTML 2Page - Renesas Technology Corp H5N2522FP-E0-E_15 Datasheet HTML 3Page - Renesas Technology Corp H5N2522FP-E0-E_15 Datasheet HTML 4Page - Renesas Technology Corp H5N2522FP-E0-E_15 Datasheet HTML 5Page - Renesas Technology Corp H5N2522FP-E0-E_15 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
H5N2522FP-E0-E
Preliminary
R07DS0862EJ0100 Rev.1.00
Page 4 of 5
Jul 27, 2012
0
40
20
60
80100
1000
10000
100
10
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
00.4
0.8
1.21.6
2.0
50
20
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
5
4
3
2
1
−25
0
50
100
150
25
125
75
0
Case Temperature Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
VDS = 10 V
1 mA
10
0
30
40
ID = 10 mA
VGS = 0
Ta = 25
°C
Pulse Test
0.1 mA
Ta = 25
°C
400
0
16
300
12
200
8
100
0
4
16
32
48
64
80
0
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
VDS
VGS
VDD = 200 V
100 V
50 V
VDD = 200 V
100 V
50 V
ID = 20 A
Ta = 25
°C
Vin Monitor
D.U.T.
Vin
10 V
RL
VDD
= 120V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
10
Ω
90%
10%
t f
Switching Time Test Circuit
Waveform


Similar Part No. - H5N2522FP-E0-E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2522FP-E0-E RENESAS-H5N2522FP-E0-E Datasheet
98Kb / 6P
   250V - 12A - MOS FET High Speed Power Switching
Jul 27, 2012
More results

Similar Description - H5N2522FP-E0-E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2522FP-E0-E RENESAS-H5N2522FP-E0-E Datasheet
98Kb / 6P
   250V - 12A - MOS FET High Speed Power Switching
Jul 27, 2012
RJK5012DPP-A0 RENESAS-RJK5012DPP-A0 Datasheet
148Kb / 7P
   500V - 12A - MOS FET High Speed Power Switching
Jun.11.2020
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0 Datasheet
88Kb / 7P
   500V - 12A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0_15 Datasheet
88Kb / 7P
   500V - 12A - MOS FET High Speed Power Switching
H5N2507P RENESAS-H5N2507P_15 Datasheet
127Kb / 7P
   250V - 50A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0_15 Datasheet
101Kb / 7P
   250V - 18A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0 Datasheet
101Kb / 7P
   250V - 18A - MOS FET High Speed Power Switching
RJK2575DPA RENESAS-RJK2575DPA Datasheet
96Kb / 7P
   250V - 17A - MOS FET High Speed Power Switching
RJK2576DPA RENESAS-RJK2576DPA Datasheet
74Kb / 4P
   250V - 17A - MOS FET High Speed Power Switching
RJK60S3DPE RENESAS-RJK60S3DPE Datasheet
96Kb / 8P
   600V - 12A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com